Electronic Components Datasheet Search
  English  ▼

X  

XOB32 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # XOB32
Description  3.2 x 2.5 x 0.95mm SMD HCMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

XOB32 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  XOB32 Datasheet HTML 1Page - EUROQUARTZ limited XOB32 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
3.2 x 2.5 x 0.95mm SMD HCMOS
DESCRIPTION
XOB32 ultra-miniature oscillators consist of a TTL/CMOS-compatible
hybrid circuit and a miniature quartz crystal packaged in a low-profile,
industry-standard ceramic package. The package provides a fully
specified clock oscillator with a very small footprint. The part is factory
configurable ensuring short delivery lead times.
Factory configurable part for short lead times
Ultra-miniature 3.2 x 2.5 x 0.95mm package
Frequency Range 1.0MHz to 200.0MHz
Tristate (Enable/Disable) function as standard
Supply voltage 1.8, 2.5 or 3.3 Volts
Jitter 70ps typical, phase noise
Low phase noise -114dBc/Hz @ 1kHz offset (133.0MHz)
XOB32 Series Oscillators
Frequency Range
Supply 1.8 Volts:
1.0MHz to 110.0MHz
Supply 2.5 Volts:
1.0MHz to 166.0MHz
Supply 3.3 Volts:
1.0MHz to 200.0MHz
Supply Voltage:
1.8, 2.5 or 3.3Volts ±10%
Output Logic:
LVCMOS
Frequency Stability:
From ±25 over temperature
(
)
Rise/Fall Time:
2ns typical.
Output Voltage:
HIGH ‘1’:
90%Vdd minimum
LOW ‘0’:
10%Vdd maximum
Output Load
15pF
Duty Cycle:
50%±5% typical
Supply Current:
Operating Temperature
Commercial:
0° to +70°C
Industrial:
-40° to +85°C
Storage Temperature:
-55 to +105°C
Start-up Time:
5ms max.
Ageing:
±3ppm max. in first year at 25°C
Tristate Function (Pad 1):
Enable/Disable function is standard for
XOB32. Output (Pad 3) is active if Pad
1 is not connected or Pad 1 is 'HIGH'.
Output is high impedance when 'LOW'
or GROUND is applied to Pad 1.
SPECIFICATION
OUTLINE & DIMENSIONS
SOLDER TEMPERATURE PROFILE
1.0MHz to 200.0MHz
FEATURES
Page
1 of 2


Similar Part No. - XOB32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
More results

Similar Description - XOB32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
3.2 x 2.5 x 0.7mm SMD
XO32 EUROQUARTZ-XO32 Datasheet
240Kb / 1P
3.2 x 2.5 x 0.95mm SMD HCMOS
logo
Oscilent Corporation
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
3.2 x 2.5 SMD Ceramic HCMOS Output
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
MB53T EUROQUARTZ-MB53T Datasheet
177Kb / 1P
5 x 3.2 x 2.2mm SMD HCMOS
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
2.5 x 2.0 x 0.9mm SMD HCMOS
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
3.2 x 2.5 x 0.7mm SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com