Electronic Components Datasheet Search
  English  ▼

X  

XOF91 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # XOF91
Description  7 x 5mm High Frequency HCMOS Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

XOF91 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  XOF91 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
7 x 5mm High Frequency HCMOS Oscillator
Industry-standard 7.0 x 5.0mm SMD package
Frequency Range 125MHz to 320.0MHz
High Q crystal and ultra-low jitter multiplier circuit
Supply voltage 2.5 Volts or 3.3 Volts
Tristate function to conserve power
FEATURES
OUTLINE & DIMENSIONS
XOF91 Oscillators
DESCRIPTION
XOF91 series oscillators are designed to provide very high quality
LVCMOS outputs at frequencies from 125MHz to 320MHz. A high Q
crystal and ultra-low jitter multiplier circuit provide extremely good
performance. An enable/disable function is standard and the
oscillator may also be specified with a power down function.
Frequency Range:
125.0MHz to 200.0MHz (15pF load)
125.0MHz to 320.0MHz (10pF load)
Output Logic:
LVCMOS
Integrated Phase Jitter:
0.4ps typical 0.5ps max
(12kHz ~ 20MHz) at 155.520MHz
Period Jitter RMS:
3ps typical, 5 ps max. at 155.520MHz
Period Jitter Peak to Peak:
20ps typ., 30ps max. at 155.520MHz
Frequency Stability
Commercial:
±10ppm to ±100ppm -10° to +70°C
Industrial:
±20ppm to ±100ppm -40° to +85°C
Supply Voltage:
+2.5 Volts ±5% or +3.3VDC ±5%
Output Voltage
High '1':
90% Vdd minimum
Low '0':
10% Vdd minimum
Rise/Fall Time:
2.4ns typical, 15pF load.
(20%Vdd to 80%Vdd)
Current Consumption:
40mA max.
Load:
15pF
Start-up Time:
5ms typical, 10ms maximum
Duty Cycle:
50% ±5% (Measured at Vdd-1.3V)
Static Discharge Protection:
2kV maximum
Ageing:
±3pmm max. first year then ±2ppm
SPECIFICATION
PAD 1 OPTIONS
Permanent damage may occur if units are operated beyond
specified limits.
Supply Voltage:
+4.6 VDC max.
Input Voltage Vi:
Vss-0.5 min., Vdd +0.5V max.
Input Voltage Vo:
Vss-0.5 min., Vdd +0.5V max.
DISABLE
Output is disabled when enable/disable pad is
taken below 0.3 Vcc referenced to ground
Oscillator is continues to run.
ENABLE
Oscillator is enable when enable/disable Pad is
taken above 0.7 Vcc referenced to ground.
POWER DOWN
Available by special request: Oscillator shuts down
when disabled.
PHASE NOISE
Offset
Frequency 155.250MHz
10Hz
-62 dBc/Hz
100Hz
-92 dBc/Hz
1kHz
-120 dBc/Hz
10kHz
-132 dBc/Hz
100kHz
-128 dBc/Hz
1MHz
-140 dBc/Hz
10MHz
-150 dBc/Hz
ABSOLUTE MAXIMUM RATINGS
Example:
200.00MHz XOF91050UCTA2
PART NUMBER SCHEDULE
Frequency
Series Designation XOF91
Stability
100 = ±100ppm
050 = ±50ppm
025 = ±25ppm
Output LVCMOS
Operating Temp. Range
C = Commercial (-10°~70°C)
I = Industrial (-40°~+85°C)
Pad 1 Option
T=Tristate (enable/disable)
P= Powerdown
Supply Voltage
A = 3.3 Volts
B = 2.5 Volts
Pad Connection Style*
Connection Style 1 or Style 2
125MHz to 320MHz


Similar Description - XOF91

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
HCMOS 7 x 5mm 2.5V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
7 x 5mm SMD HCMOS
XOA91 EUROQUARTZ-XOA91 Datasheet
273Kb / 1P
7 x 5mm High Frequency Low Jitter HCMOS Clock Oscillator
XOV91 EUROQUARTZ-XOV91 Datasheet
271Kb / 1P
7 x 5mm High Frequency HCMOS Clock Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com