Electronic Components Datasheet Search
  English  ▼

X  

NJVMJD112 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJVMJD112
Description  Complementary Darlington Power Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVMJD112 Datasheet(HTML) 2 Page - ON Semiconductor

  NJVMJD112 Datasheet HTML 1Page - ON Semiconductor NJVMJD112 Datasheet HTML 2Page - ON Semiconductor NJVMJD112 Datasheet HTML 3Page - ON Semiconductor NJVMJD112 Datasheet HTML 4Page - ON Semiconductor NJVMJD112 Datasheet HTML 5Page - ON Semiconductor NJVMJD112 Datasheet HTML 6Page - ON Semiconductor NJVMJD112 Datasheet HTML 7Page - ON Semiconductor NJVMJD112 Datasheet HTML 8Page - ON Semiconductor NJVMJD112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJD112 (NPN), MJD117 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
100
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
Continuous
Peak
IC
2
4
Adc
Base Current
IB
50
mAdc
Total Power Dissipation
@ TC = 25°C
Derate above 25°C
PD
20
0.16
W
W/°C
Total Power Dissipation (Note1)
@ TA = 25°C
Derate above 25°C
PD
1.75
0.014
W
W/°C
Operating and Storage Junction Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
71.4
°C/W
1. These ratings are applicable when surface mounted on the minimum pad sizes recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com