Electronic Components Datasheet Search
  English  ▼

X  

OV9724 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9724
Description  OV9724 720p HD product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9724 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9724 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9724 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact, High Performance 720p HD Image Sensor
for Smartphones, Ultra-Thin Notebooks and Tablets
OV9724 720pHDproductbrief
lead free
available in
a lead-free
package
OmniVision's OV9724 is a compact, high performance
image sensor offering 720p high definition video
capture at 30 frames per second (fps) in an industry-
leading miniaturized form factor. The low-power
1/9-inch OV9724 CameraChip™ sensor is built on
OmniVision's powerful 1.4-micron OmniBSI+™ pixel
architecture, enabling high quality color images and fast
frame 720p HD video at 30 fps or cropped VGA at
60 fps on a highly-compact camera modules of
6 x 4.5 x 2.5 mm.
This unprecedented combination of high performance
and small form factor allows HD cameras to be
integrated into ultra-slim, narrow-bezel devices, making
it an attractive solution for next-generation
smartphones, notebooks, tablets, portable gaming
systems and other mobile devices. The OV9724 is
designed to satisfy all major industry standard
performance and quality requirements currently
prevailing in the market, offering customers an
extensive flexibility when designing advanced imaging
systems.
The OV9724 provides full-frame, sub-sampled or
windowed 10-bit images. All required image processing
functions, including exposure control and defective
pixel cancelling, are programmable through the serial
camera control bus (SCCB) interface. The image sensor
is available in COB and CSP3 versions and features a
one-lane, high-speed MIPI interface.
Find out more at www.ovt.com.


Similar Part No. - OV9724

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
OV9728 OMNIVISION-OV9728 Datasheet
902Kb / 2P
OV9728 720p HD product brief
More results

Similar Description - OV9724

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2720 OMNIVISION-OV2720 Datasheet
494Kb / 2P
OV2720 full HD (1080p) product brief
OV9714 OMNIVISION-OV9714 Datasheet
1Mb / 2P
OV9714 720p product brief
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
OV9728 OMNIVISION-OV9728 Datasheet
902Kb / 2P
OV9728 720p HD product brief
OV9740 OMNIVISION-OV9740 Datasheet
904Kb / 2P
OV9740 720p HD product brief
OV9770 OMNIVISION-OV9770 Datasheet
540Kb / 2P
OV9770 720p HD product brief
OV10626 OMNIVISION-OV10626 Datasheet
1,019Kb / 2P
OV10626 HD HDR product brief
OV10635 OMNIVISION-OV10635 Datasheet
1Mb / 2P
OV10635 HD HDR product brief
OV9733 OMNIVISION-OV9733 Datasheet
4Mb / 2P
720p HD product brief
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com