Electronic Components Datasheet Search
  English  ▼

X  

OV9728 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV9728
Description  OV9728 720p HD product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9728 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV9728 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9728 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
¬
Ultrabooks/Notebooks
Smartphones
Gaming
Tablets
¬
¬
¬
Televisions
Toys
PC Multimedia
Applications
¬
¬
¬
¬
MIPI and D-PHY specification
(contains one clock lane and one data
lane) with a maximum of 600 Mbps
data transfer rate
supports free-running clock and
gated clock
supports global analog gain
high sensitivity and low dark current
for low-light conditions
low operating voltage and low power
consumption for embedded portable
applications
supports down sample mode
and VarioPixel®
auto black level calibration
defect correction capability
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV09728-A30A
(color, lead-free, 30-pin CSP3)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 1296 x 808
power supply:
- core: 1.5V
- analog: 2.8V (typical)
- I/O: 1.8V (typical)
power requirements:
- active: TBD
- standby: 60 µA
- RESETB: 20 µA
temperature range:
- operating: -30°C to 70°C junction
temperature
- stable image: 0°C to 50°C junction
temperature
output formats: 10-bit RAW RGB data
lens size: 1/6.5"
lens chief ray angle: 31.6° non-linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
max S/N ratio: 38 dB
dynamic range: 74 dB @ 8x gain
maximum image transfer rate: 30 fps
sensitivity: 1000 mV/lux-sec
scan mode: progressive
maximum exposure interval: 824 x tROW
pixel size: 1.75 µm x 1.75 µm
dark current: 12 e-/s
@ 50°C junction temperature
image area: 2270 µm x 1806 µm
package/die dimensions:
- CSP3: 3810 µm x 3260 µm
Product Specifications
Version 1.0, May, 2013
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and VarioPixel are registered trademarks of OmniVision
Technologies, Inc. The OmniVision logo and OmniBSI are trademarks of OmniVision Technologies, Inc.
All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV9728
OV9728
image sensor array
image
signal
processor
output
interface
column
sample/hold
PLL
regulator
control register bank
SCCB slave interface
system control logic
timing generator
gain control
MCP/N
MDP/N
image
array
AMP
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com