Electronic Components Datasheet Search
  English  ▼

X  

OV9740 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9740
Description  OV9740 720p HD product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9740 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9740 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9740 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SoC HD Camera for Home Entertainment
and Portable Media Markets
OV9740 720pHDproductbrief
lead free
available in
a lead-free
package
The OV9740 is a 1/6.9-inch system-on-a-chip (SoC) CMOS
image sensor designed for highly demanding video applications
in portable media players (PMPs), home entertainment devices
and notebooks. It is the first 720p HD SoC image sensor that
meets the premium video quality criteria for Microsoft® Office
Communicator and the High Quality Video specifications for
Skype™. With all image quality tuning and processing done
on-chip, the OV9740 enables customers to simplify product
development and accelerate time-to-market, making the SoC
sensor a cost effective, one-stop-shop solution for emerging
consumer applications including notebooks, netbooks,
webcams, gaming consoles, portable media players, mobile
phones, smart phones, TVs and set-top boxes.
The OV9740 combines OmniVision's 1.75-micron OmniBSI™
backside illumination pixel architecture and high-end image
signal processor (ISP) to deliver 720p native high-definition
(HD) video at 30 frames per second. The OV9740 offers
best-in-class low-light sensitivity at 1300 mV/lux-sec in an
ultra-thin camera module height of less than 3.2 mm. As a native
HD sensor, the OV9740 does not suffer from degradation or
image artifacts due to scaling or cropping, which is typically
used to achieve HD resolution from larger array sensors.
OmniVision's ISP features high-end image processing functions
such as advanced automatic white balance and color noise
reduction in the YUV domain while maintaining high frequency
details delivering clear, sharp still image and video capture.
Additional advanced image processing functions include
automatic exposure control, automatic gain control, auto black
level calibration, gamma correction, defect pixel correction,
edge enhancement, and lens correction, which are all
programmable through a standard serial camera control bus
(SCCB) interface. A dual-lane, high speed MIPI interface
supports RAW RGB and YUV422 output formats.
Find out more at www.ovt.com.


Similar Part No. - OV9740

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9710 OMNIVISION-OV9710 Datasheet
162Kb / 2P
high definition (HD) video CameraChip image sensor
OV9712-1D OMNIVISION-OV9712-1D Datasheet
1Mb / 2P
HD video image sensor product brief
OV9714 OMNIVISION-OV9714 Datasheet
1Mb / 2P
OV9714 720p product brief
OV9715 OMNIVISION-OV9715 Datasheet
305Kb / 2P
High-Performance Video for Automotive Vision Applications
OV9715 OMNIVISION-OV9715_14 Datasheet
826Kb / 2P
OV9715 1-megapixel product brief
More results

Similar Description - OV9740

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2720 OMNIVISION-OV2720 Datasheet
494Kb / 2P
OV2720 full HD (1080p) product brief
OV9714 OMNIVISION-OV9714 Datasheet
1Mb / 2P
OV9714 720p product brief
OV9724 OMNIVISION-OV9724 Datasheet
1Mb / 2P
OV9724 720p HD product brief
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
OV9728 OMNIVISION-OV9728 Datasheet
902Kb / 2P
OV9728 720p HD product brief
OV9770 OMNIVISION-OV9770 Datasheet
540Kb / 2P
OV9770 720p HD product brief
OV10626 OMNIVISION-OV10626 Datasheet
1,019Kb / 2P
OV10626 HD HDR product brief
OV10635 OMNIVISION-OV10635 Datasheet
1Mb / 2P
OV10635 HD HDR product brief
OV9733 OMNIVISION-OV9733 Datasheet
4Mb / 2P
720p HD product brief
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com