Electronic Components Datasheet Search
  English  ▼

X  

OV12825 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV12825
Description  OV12825 12.6-megapixel product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV12825 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV12825 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV12825 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced 12.6-Megapixel Mobile Imaging
with 1080p/60 HD Video and EIS
OV12825 12.6-megapixelproductbrief
lead free
available in
a lead-free
package
The OV12825 is a 12.6-megapixel RAW CMOS image
sensor designed specifically for high-performance mobile
applications. Offering both DSC-quality photography and
full 1080p/60 high-definition (HD) video with electronic
image stabilization (EIS) makes the sensor a highly
attractive solution for high-end feature and smart phone
manufacturers.
With a 1/2.5-inch optical format, the OV12825 utilizes
OmniVision's proven 1.4-micron OmniBSI™ backside
illumination (BSI) pixel architecture to achieve best-in-
class pixel performance and low-light sensitivity of
650 mV/lux-sec. The sensor has a unique binning capability
that further increases sensitivity in 1080p HD video mode
at 60 frames per second (fps), while still providing
additional pixels for EIS. The OV12825 has an active array
of 4224 x 3000 BSI pixels operating at 15 fps in full
resolution. Additional benefits of OmniBSI technology
include increased quantum efficiency, reduced crosstalk
and low photo response non-uniformity, which all
contribute towards significant improvement in image
quality and camera performance.
Offered with industry standard connectivity including
4-lane MIPI, LVDS and DVP interfaces, the OV12825
supports 10/12-bit RAW RGB and CCIR656 output
formats. The sensor offers programmable controls for
frame rate, mirror and flip, cropping, and windowing as well
as support for horizontal and vertical sub-sampling. All
required automatic image processing functions, including
exposure control, gain control, white balance, band filter,
50/60 Hz frequency detection and black level calibration
are programmable through the SCCB interface.
Find out more at www.ovt.com.


Similar Part No. - OV12825

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV12830 OMNIVISION-OV12830 Datasheet
670Kb / 2P
OV12830 12.8-megapixel product brief
OV12890 OMNIVISION-OV12890 Datasheet
662Kb / 2P
Advanced 1.55-Micron Large-Pixel PureCel짰Plus-S Sensor for Premium Smartphones
OV12890-GA5A OMNIVISION-OV12890-GA5A Datasheet
662Kb / 2P
Advanced 1.55-Micron Large-Pixel PureCel짰Plus-S Sensor for Premium Smartphones
OV12895 OMNIVISION-OV12895 Datasheet
1Mb / 2P
12-Megapixel PureCel짰Plus-S Sensor
OV12895-C61A-Z OMNIVISION-OV12895-C61A-Z Datasheet
1Mb / 2P
12-Megapixel PureCel짰Plus-S Sensor
More results

Similar Description - OV12825

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV5640 OMNIVISION-OV5640 Datasheet
588Kb / 2P
OV5640 5-megapixel product brief
OV5647 OMNIVISION-OV5647 Datasheet
1Mb / 2P
OV5647 5-megapixel product brief
OV5653 OMNIVISION-OV5653 Datasheet
558Kb / 2P
OV5653 5-megapixel product brief
OV5670 OMNIVISION-OV5670 Datasheet
1Mb / 2P
OV5670 5-megapixel product brief
OV5690 OMNIVISION-OV5690 Datasheet
548Kb / 2P
OV5690 5-megapixel product brief
OV8820 OMNIVISION-OV8820 Datasheet
660Kb / 2P
OV8820 8-megapixel product brief
OV8830 OMNIVISION-OV8830 Datasheet
808Kb / 2P
OV8830 8-megapixel product brief
OV12830 OMNIVISION-OV12830 Datasheet
670Kb / 2P
OV12830 12.8-megapixel product brief
OV14810 OMNIVISION-OV14810 Datasheet
777Kb / 2P
OV14810 14.6-megapixel product brief
OV14825 OMNIVISION-OV14825 Datasheet
1Mb / 2P
OV14825 14-megapixel product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com