Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1082 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1082
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1082 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1082 Datasheet HTML 1Page - Diodes Incorporated ZXCT1082 Datasheet HTML 2Page - Diodes Incorporated ZXCT1082 Datasheet HTML 3Page - Diodes Incorporated ZXCT1082 Datasheet HTML 4Page - Diodes Incorporated ZXCT1082 Datasheet HTML 5Page - Diodes Incorporated ZXCT1082 Datasheet HTML 6Page - Diodes Incorporated ZXCT1082 Datasheet HTML 7Page - Diodes Incorporated ZXCT1082 Datasheet HTML 8Page - Diodes Incorporated ZXCT1082 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
2 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Description
PIN
Name
Description
Common
ZXCT1082/3
ZXCT1084/5/6/7
1
OUT
Output pin.
Current output.
Voltage output
2
GND
Ground pin.
3
S+
This is the positive input of the
current monitor. It has a wide
common-mode input range. The
current through this pin varies with
differential sense voltage.
An external resistor, RGT, should
be connected from S+ to the input
side (VSUPPLY) of the sense
resistor
Should be directly connected to
the input side (VSUPPLY) of the
sense resistor.
4
S-
This is the negative input of the
current monitor. It has a wide
common-mode input range.
An external resistor, RGT, should
be connected from S- to the load
side (VLOAD) of the sense resistor.
Should be directly connected to
the load side (VLOAD) of the sense
resistor.
5
VCC
This is the analogue supply and provides power to internal circuitry.
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage on S- and S+
ZXCT1082, ZXCT1084, ZXCT1086
ZXCT1083, ZXCT1085, ZXCT1087
-0.3 to 65
-0.3 to 45
V
Voltage on VCC
ZXCT1082, ZXCT1084, ZXCT1086
ZXCT1083, ZXCT1085, ZXCT1087
-0.3 to 65
-0.3 to 45
V
Voltage on OUT
-0.3 to VS-
V
Differential Input Voltage, VS+ - VS-
±800
mV
Input current into S+ or S-
(†)
±12
mA
Storage Temperature
-55 to 150
°C
Maximum Junction Temperature
150
°C
Package Power Dissipation
300 at TA = 25°C
(De-rate to zero at 150°C)
mW
ESD Rating
Human Body Model
2
kV
Machine Model
200
V
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for
extended periods, may reduce device reliability.
(†)
The differential input voltage limit, VS+ - VS- may be exceeded provided that the input current limit into S+ or S- is not exceeded
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
ZXCT1083/1085/1087 Common-Mode Input Range
ZXCT1082/1084/1086 Common-Mode Input Range
2.7
2.7
40
60
V
VCC
ZXCT1083/1085/1087 Supply Voltage Range
ZXCT1082/1084/1086 Supply Voltage Range
2.7
2.7
40
60
V
VSENSE
Differential Sense Input Voltage Range
0
0.5
V
VOUT
Output Voltage Range
0
VS- -1
V
TA
Ambient Temperature Range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com