Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1084 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXCT1084
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1084 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXCT1084 Datasheet HTML 5Page - Diodes Incorporated ZXCT1084 Datasheet HTML 6Page - Diodes Incorporated ZXCT1084 Datasheet HTML 7Page - Diodes Incorporated ZXCT1084 Datasheet HTML 8Page - Diodes Incorporated ZXCT1084 Datasheet HTML 9Page - Diodes Incorporated ZXCT1084 Datasheet HTML 10Page - Diodes Incorporated ZXCT1084 Datasheet HTML 11Page - Diodes Incorporated ZXCT1084 Datasheet HTML 12Page - Diodes Incorporated ZXCT1084 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
12 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Part Number
AEC-Q100
Pack
Part mark
Reel Size
Tape width
Quantity
per reel
ZXCT1082E5TA
Grade 1
SOT25
1082
7”, 180mm
8mm
3000
ZXCT1083E5TA
Grade 1
SOT25
1083
7”, 180mm
8mm
3000
ZXCT1084E5TA
Grade 1
SOT25
1084
7”, 180mm
8mm
3000
ZXCT1085E5TA
Grade 1
SOT25
1085
7”, 180mm
8mm
3000
ZXCT1086E5TA
Grade 1
SOT25
1086
7”, 180mm
8mm
3000
ZXCT1087E5TA
Grade 1
SOT25
1087
7”, 180mm
8mm
3000
Package Outline Dimensions
SOT25
SOT25
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
⎯
⎯
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75
α
0°
8°
⎯
All Dimensions in mm
A
M
J
L
D
B C
H
K
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com