Electronic Components Datasheet Search
  English  ▼

X  

LBS11902 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS11902
Description  118.7MHz SAW Filter 1MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11902 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS11902 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11902 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11902 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBS11902
Rev. Date
2011-06-07
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
118.7MHz SAW Filter
1MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS11902
Typical Performance
Frequency Response
Passband Response
110
112
114
116
118
120
122
124
126
128
-113.5748
-103.5748
-93.5748
-83.5748
-73.5748
-63.5748
-53.5748
-43.5748
-33.5748
-23.5748
-13.5748
Type Performance
Frequency(MHz)
117.8
118
118.2
118.4
118.6
118.8
119
119.2
119.4
119.6
-26.0748
-25.5748
-25.0748
-24.5748
-24.0748
-23.5748
-23.0748
-22.5748
-22.0748
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.4MHz)
Phase Linearity(f0±0.4MHz)
117.8
118
118.2
118.4
118.6
118.8
119
119.2
119.4
119.6
2800
3000
3200
3400
3600
3800
4000
X: 118.3
Y: 3371
Type Performance
Frequency(MHz)
X: 118.7
Y: 3358
X: 119.3
Y: 3407
117.8
118
118.2
118.4
118.6
118.8
119
119.2
119.4
119.6
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 118.3
Y: -0.006513
Type Performance
Frequency(MHz)
X: 119.1
Y: -0.6029
X: 118.7
Y: 0.1692
Horizontal: 0.2MHz/Div
Vertical: 200ns/Div
Horizontal: 0.2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com