Electronic Components Datasheet Search
  English  ▼

X  

93AA46 Datasheet(PDF) 19 Page - Microchip Technology

Part # 93AA46
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 93AA46 Datasheet HTML 14Page - Microchip Technology 93AA46 Datasheet HTML 15Page - Microchip Technology 93AA46 Datasheet HTML 16Page - Microchip Technology 93AA46 Datasheet HTML 17Page - Microchip Technology 93AA46 Datasheet HTML 18Page - Microchip Technology 93AA46 Datasheet HTML 19Page - Microchip Technology 93AA46 Datasheet HTML 20Page - Microchip Technology 93AA46 Datasheet HTML 21Page - Microchip Technology 93AA46 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 1998-2012 Microchip Technology Inc.
DS20067K-page 19
PIC18FXXXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
93AA46/56/66:
Microwire Serial EEPROM
93AA46/56/66X:
Microwire Serial EEPROM in
alternate pinouts (SN package only)
93AA46T/56T/66T:
Microwire Serial EEPROM
(Tape and Reel)
93AA46XT/56XT/66XT: Microwire Serial EEPROM
(Tape and Reel)
Temperature Range
Blank
=
0
C to +70C
Package
P
=
Plastic PDIP (300 mil Body), 8-lead
SN
=
Plastic SOIC (150 mil Body), 8-lead
SM
=
Plastic SOIC (208 mil Body), 8-lead
(93AA46/56/66)
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com