Electronic Components Datasheet Search
  English  ▼

X  

SF23 Datasheet(PDF) 1 Page - Dc Components

Part # SF23
Description  TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SF23 Datasheet(HTML) 1 Page - Dc Components

  SF23 Datasheet HTML 1Page - Dc Components SF23 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
VOLTAGE RANGE - 50 to 600 Volts
CURRENT - 2.0 Amperes
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF21
THRU
SF28
NOTES : 1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 0.38 gram
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
IR
trr
0.95
5.0
uAmps
nSec
Maximum DC Reverse Current
Maximum Forward Voltage at 2.0A DC
Volts
@TA = 25
oC
@TA =150
oC
1.25
200
35
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
75
30
-65 to + 150
Amps
pF
0 C
UNITS
20
SF21
SF22
SF23
SF24
SF25
SF26
SF28
50
100
150
200
300
400
600
50
100
150
200
300
400
600
35
70
105
140
210
280
420
1.7
DO-15
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
42
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SF23

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF23 MOSPEC-SF23 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF23 WTE-SF23 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF23 ZOWIE-SF23 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF23 RECTRON-SF23 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF23 JGD-SF23 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF23

ManufacturerPart #DatasheetDescription
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER2A DCCOM-ER2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER3A DCCOM-ER3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ESM101 DCCOM-ESM101 Datasheet
435Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
SF11 DCCOM-SF11 Datasheet
466Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF161 DCCOM-SF161 Datasheet
535Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF31 DCCOM-SF31 Datasheet
479Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF51 DCCOM-SF51 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF81 DCCOM-SF81 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com