Electronic Components Datasheet Search
  English  ▼

X  

SF32 Datasheet(PDF) 1 Page - Dc Components

Part # SF32
Description  TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SF32 Datasheet(HTML) 1 Page - Dc Components

  SF32 Datasheet HTML 1Page - Dc Components SF32 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF31
THRU
SF38
NOTES : 1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 1.18 grams
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
3.0
125
50
-65 to + 150
Amps
pF
0 C
UNITS
30
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
IR
trr
0.95
5.0
uAmps
nSec
Maximum DC Reverse Current
Maximum Forward Voltage at 3.0A DC
Volts
@TA = 25
oC
@TA =150
oC
1.25
300
35
VOLTAGE RANGE - 50 to 600 Volts
CURRENT - 3.0 Amperes
1.7
SF31
SF32
SF33
SF34
SF35
SF36
SF38
50
100
150
200
300
400
600
50
100
150
200
300
400
600
35
70
105
140
210
280
420
DO-27
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
44
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SF32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF32 MOSPEC-SF32 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF32 WTE-SF32 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF32 ZOWIE-SF32 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF32 RECTRON-SF32 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF32 JGD-SF32 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF32

ManufacturerPart #DatasheetDescription
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER2A DCCOM-ER2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER3A DCCOM-ER3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ESM101 DCCOM-ESM101 Datasheet
435Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
SF11 DCCOM-SF11 Datasheet
466Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF161 DCCOM-SF161 Datasheet
535Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF21 DCCOM-SF21 Datasheet
473Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF51 DCCOM-SF51 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF81 DCCOM-SF81 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com