Electronic Components Datasheet Search
  English  ▼

X  

3C91C Datasheet(PDF) 2 Page - OPTEK Technologies

Part # 3C91C
Description  Hi-Reliability Optically Coupled Isolator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

3C91C Datasheet(HTML) 2 Page - OPTEK Technologies

  3C91C Datasheet HTML 1Page - OPTEK Technologies 3C91C Datasheet HTML 2Page - OPTEK Technologies 3C91C Datasheet HTML 3Page - OPTEK Technologies 3C91C Datasheet HTML 4Page - OPTEK Technologies 3C91C Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
11/09
Page 2 of 5
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C, 3N243, 3N244, 3N245, 3N261, 3N262, 3N263
(TX, TXV)
Notes:
1. Measured with input leads shorted together and output leads shorted together.
2. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 2.0 mW/° C above 25° C.
4. Derate linearly 0.60 mW/° C above 65° C.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Operating Temperature Range
-55o C to +125o C
Storage Temperature Range
-65o C to +150o C
Input to Output Isolation Voltage
± 1 kVDC(1)
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(2)
Input Diode
Forward DC Current
40 mA
Reverse Voltage
2.0 V
Power Dissipation
60 mW(3)
Continuous Collector Current
30 mA
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5.0 V
Power Dissipation
200 mW(4)
Output Phototransistor
IC(ON) vs TA
0.0
0.5
1.0
1.5
2.0
2.5
-55
-35
-15
+5
+25
+45
+65
+85
+105
+125
+135
TA (°C)
IF = 20mA
IF = 50mA
Normalized @ 20 mA and 25° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com