Electronic Components Datasheet Search
  English  ▼

X  

SF52 Datasheet(PDF) 1 Page - Dc Components

Part # SF52
Description  TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SF52 Datasheet(HTML) 1 Page - Dc Components

  SF52 Datasheet HTML 1Page - Dc Components SF52 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
VOLTAGE RANGE - 50 to 400 Volts
CURRENT- 5.0 Amperes
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF51
THRU
SF56
NOTES : 1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 1.18 grams
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
5.0
150
50
-65 to + 150
Amps
pF
0 C
UNITS
SF51
SF54
SF52
SF55
SF56
SF53
50
200
100
300
400
150
35
140
70
210
280
105
50
200
100
300
400
150
30
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
IR
trr
5.0
150
uAmps
nSec
Maximum DC Reverse Current
Maximum Forward Voltage at 5.0A DC
Volts
@TA = 25
oC
@TA =125
oC
0.95
35
1.25
DO-27
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
46
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SF52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF52 MOSPEC-SF52 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF52 WTE-SF52 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF52 RECTRON-SF52 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF52 BYTES-SF52 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SF52 EIC-SF52 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
More results

Similar Description - SF52

ManufacturerPart #DatasheetDescription
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER2A DCCOM-ER2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER3A DCCOM-ER3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ESM101 DCCOM-ESM101 Datasheet
435Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
SF11 DCCOM-SF11 Datasheet
466Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF161 DCCOM-SF161 Datasheet
535Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF21 DCCOM-SF21 Datasheet
473Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF31 DCCOM-SF31 Datasheet
479Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF81 DCCOM-SF81 Datasheet
529Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com