Electronic Components Datasheet Search
  English  ▼

X  

OP166C Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OP166C
Description  Plastic Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP166C Datasheet(HTML) 3 Page - OPTEK Technologies

  OP166C Datasheet HTML 1Page - OPTEK Technologies OP166C Datasheet HTML 2Page - OPTEK Technologies OP166C Datasheet HTML 3Page - OPTEK Technologies OP166C Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
05/2011
Page 3 of 4
Plastic Infrared Emitting Diode
OP165, OP166 Series
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Apertured Radiant Incidence
OP165A, OP166A
1.95
-
-
mW/cm2
IF = 20 mA
(2)
PO
Radiant Power Output
OP165W, OP166W
0.50
-
-
mW
IF = 20 mA
VF
Forward Voltage
-
-
1.60
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2 V
λP
Wavelength at Peak Emission
-
935
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
50
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
OP165, OP166 (A, B, C, D)
OP165W, OP166W
-
-
-
±0.30
-
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
OP165, OP166 (A, B, C, D)
OP165W, OP166W
-
-
18
90
-
-
Degree IF = 20 mA
tr
Output Rise Time
-
1000
-
ns
tf
Output Fall Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, D.C.=10.0%
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
Power Dissipation
100 mW(1)
Notes:
1. Derate linearly 1.33 mW/°C above 25°C
2. EE(APT) is a measurement of the average apertured rediant incidence
ipon a sensing area 0.081” (2.06 mm) in diameter, perpendicular to
and centered on the mechanical axis of the lens, and 0.590” (14.99
mm) from the measurement surface. EE(APT) is not necessarily
uniform within the measured areas.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com