Electronic Components Datasheet Search
  English  ▼

X  

OP124 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP124
Description  Hermetic Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP124 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP124 Datasheet HTML 1Page - OPTEK Technologies OP124 Datasheet HTML 2Page - OPTEK Technologies OP124 Datasheet HTML 3Page - OPTEK Technologies OP124 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 2 of 4
Hermetic Infrared Emitting Diode
OP123, OP124
OP223, OP224
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-65o C to +150o C
Reverse Voltage
2.0 V
Continuous Forward Current
100 mA
Peak Forward Current (2µs pulse with 0.1% duty cycle)
1.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)(2)
Power Dissipation
150 mW(3)
Operating Temperature Range
-65o C to +125o C
Notes:
1. Refer to Application Bulletin 202 which reviews proper soldering techniques for pill-type devices.
2. No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 1.50 mW/° C above 25° C.
4. For OP123, OP124, OP223 and OP224, EE(APT) is a measurement using a 0.031” (0.787 mm) diameter apertured sensor placed
0.50” (12.7 mm) from the measuring surface. EE(APT) is not necessarily uniform within the measured area.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
(3)
Apertured Radiant Incidence
OP123
OP124
OP223
OP224
0.40
1.00
1.00
3.50
-
-
-
-
-
-
-
-
mW/cm2
IF = 50 mA
(4)
VF
Forward Voltage
OP123
OP124
-
-
-
-
1.50
1.80
V
IF = 50 mA
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
OP123, OP124
OP223, OP224
-
-
935
890
-
-
nm
IF = 50 mA
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
OP123, OP124
OP223, OP224
-
-
50
80
-
-
nm
IF = 50 mA
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
OP123, OP124
OP223, OP224
-
-
+0.30
+0.18
-
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
-
24
-
Degree IF = 50 mA
tr
Output Rise Time
OP123, OP124
OP223, OP224
-
-
1000
500
-
-
ns
tf
Output Fall Time
OP123, OP124
OP223, OP224
-
-
500
250
-
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com