Electronic Components Datasheet Search
  English  ▼

X  

OP245C Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP245C
Description  Plastic Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP245C Datasheet(HTML) 2 Page - OPTEK Technologies

  OP245C Datasheet HTML 1Page - OPTEK Technologies OP245C Datasheet HTML 2Page - OPTEK Technologies OP245C Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
01/07
Page 2 of 3
Plastic Infrared Emitting Diode
OP240 Series
OP245 Series
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum of 20 grams force
may be applied to the leads when soldering.
2. Derate linearly 1.33 mW/° C above 25° C.
3. EE(APT) is a measurement of the average apertured radiant energy incident upon a sensing area 0.180” (4.57 mm) in diameter
perpendicular to and centered on the mechanical axis of the lens and 0.653” (6.60 mm) from the lens tip. EE(APT) is not necessarily
uniform within the measured area.
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite
evaporates fast without causing structural
failure in OPTEK'S molded plastics.
OP245 (A, B, C, D)
2
1
Pin #
LED
1
Cathode
2
Anode
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Apertured Radiant Incidence
OP240A, OP245A
OP240B, OP245B
OP240C, OP245C
OP240D, OP245D
0.60
0.40
0.20
0.05
-
-
-
-
-
1.20
0.86
-
mW/cm2
IF = 20 mA
(3)
VF
Forward Voltage
-
-
1.80
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
890
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
±0.18
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
-
40
-
Degree IF = 20 mA
tr
Output Rise Time
-
500
-
ns
tf
Output Fall Time
-
250
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)
Power Dissipation
100 mW(2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com