Electronic Components Datasheet Search
  English  ▼

X  

SF86 Datasheet(PDF) 1 Page - Dc Components

Part # SF86
Description  TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SF86 Datasheet(HTML) 1 Page - Dc Components

  SF86 Datasheet HTML 1Page - Dc Components SF86 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
VOLTAGE RANGE - 50 to 400 Volts
CURRENT - 8.0 Amperes
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 2.24 grams
SF81
THRU
SF86
TO-220A
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “R” for Reverse Polarity.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
100
Volts
Volts
Amps
300
8.0
150
3
50
Amps
0C/ W
0 C
150
Operating and Storage Temperature Range
R
θJC
IO
-65 to + 150
pF
SF81
SF83
SF85
SF82
SF84
200
400
SF86
50
100
300
150
200
400
50
70
210
105
140
280
35
Volts
30
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
10
35
@TC = 100
oC
@TC = 25
oC
trr
1.0
1.35
500
50
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
48
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SF86

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF86 RECTRON-SF86 Datasheet
24Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Bytes
SF86 BYTES-SF86 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF86 FORMOSA-SF86 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF86 DAESAN-SF86 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
UNIOHM CORPORATION
SF86 UNIOHM-SF86 Datasheet
74Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF86

ManufacturerPart #DatasheetDescription
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER2A DCCOM-ER2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ER3A DCCOM-ER3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ESM101 DCCOM-ESM101 Datasheet
435Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
SF11 DCCOM-SF11 Datasheet
466Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF161 DCCOM-SF161 Datasheet
535Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF21 DCCOM-SF21 Datasheet
473Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF31 DCCOM-SF31 Datasheet
479Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF51 DCCOM-SF51 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com