Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0201 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0201 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Notes:
1. Each channel.
2. Derate total package power dissipation, P
T, linearly above 70°C free-air temperature at a rate of 4.5 mW/°C.
3. Duration of output short circuit time should not exceed 10 ms.
4. For single devices, input capacitance is measured between pin 2 and pin 3.
5. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
6. The t
PLH propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.3 V point on the leading edge of
the output pulse. The t
PHL propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.3 V point on the
trailing edge of the output pulse.
7. CM
H is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic high state, VO > 2.0 V.
CM
L is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic low state, VO < 0.8 V.
8. For HCPL-2202/12, V
O is on pin 6.
9. Use of a 0.1
µF bypass capacitor connected between pins 5 and 8 is recommended.
10. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥4500 V rms for one second (leakage
detection current limit, I
I-O ≤5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/
EN/DIN EN 60747-5-2 Insulation Characteristics Table, if applicable.
11. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥6000 V rms for one second (leakage
detection current limit, I
I-O ≤5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the IEC/
EN/DIN EN 60747-5-2 Insulation Characteristics Table.
12. For HCPL-2231/32 only. Measured between pins 1 and 2, shorted together, and pins 3 and 4, shorted together.
Package Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
V
ISO
3750
V rms
RH < 50%, t = 1 min.
5, 10
HCNW22XX
5000
T
A = 25°C
5, 11
Input-Output Resistance
R
I-O
1012
Ω
V
I-O = 500 Vdc
5
HCNW22XX
1012
1013
T
A = 25°C
1011
T
A = 100°C
Input-Output Capacitance
C
I-O
0.6
pF
f = 1 MHz,
5
HCNW22XX
0.5
0.6
T
A = 25°C, VI-O = 0 Vdc
Input-Input Insulation
I
I-I
0.005
µA
Relative Humidity = 45%,
12
Leakage Current
t = 5 s, V
I-I = 500 V
Resistance (Input-Input)
R
I-I
1011
Ω
V
I-I = 500 V
12
Capacitance (Input-Input)
C
I-I
0.25
pF
f = 1 MHz
12
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level
safety specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203
Withstand
Voltage*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com