Electronic Components Datasheet Search
  English  ▼

X  

LBS13404 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS13404
Description  134.4MHz SAW Filter 5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13404 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS13404 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13404 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13404 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13404
Rev. Date
2008-10-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
134.4MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS13404
Typical Performance
Frequency Respond
Passband Respond
126
128
130
132
134
136
138
140
142
144
-116.7137
-106.7137
-96.7137
-86.7137
-76.7137
-66.7137
-56.7137
-46.7137
-36.7137
-26.7137
-16.7137
Type Performance
Frequency(MHz)
130
131
132
133
134
135
136
137
138
139
-29.2137
-28.7137
-28.2137
-27.7137
-27.2137
-26.7137
-26.2137
-25.7137
-25.2137
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.4MHz)
Phase Linearity(f0±2.4MHz)
131
132
133
134
135
136
137
138
2400
2600
2800
3000
3200
3400
3600
3800
4000
X: 134.4
Y: 3281
Type Performance
Frequency(MHz)
X: 136.8
Y: 3246
X: 132
Y: 3277
131
132
133
134
135
136
137
138
-30
-25
-20
-15
-10
-5
0
5
10
15
20
X: 136.8
Y: 2.606
Type Performance
Frequency(MHz)
X: 132
Y: -0.7685
X: 134.4
Y: 0.5695
Horizontal: 1MHz/Div
Vertical: 200ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com