Electronic Components Datasheet Search
  English  ▼

X  

LBS13601 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS13601
Description  136.2MHz SAW Filter 3MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13601 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS13601 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13601 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13601 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13601
Rev. Date
2008-06-18
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
136.2MHz SAW Filter
3MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS13601
Typical Performance
Frequency Respond
Passband Respond
130
132
134
136
138
140
142
-114.2213
-104.2213
-94.2213
-84.2213
-74.2213
-64.2213
-54.2213
-44.2213
-34.2213
-24.2213
-14.2213
Type Performance
Frequency(MHz)
134
134.5
135
135.5
136
136.5
137
137.5
138
138.5
-26.7213
-26.2213
-25.7213
-25.2213
-24.7213
-24.2213
-23.7213
-23.2213
-22.7213
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1.2MHz)
Phase Linearity(f0±1.2MHz)
134
135
136
137
138
139
3500
3600
3700
3800
3900
4000
4100
4200
4300
X: 136.2
Y: 3977
Type Performance
Frequency(MHz)
X: 137.4
Y: 3928
X: 135
Y: 3943
134
135
136
137
138
139
-15
-10
-5
0
5
10
X: 135
Y: -1.167
Type Performance
Frequency(MHz)
X: 137.4
Y: 0.8246
X: 136.2
Y: -0.4404
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com