Electronic Components Datasheet Search
  English  ▼

X  

LBS14036 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14036
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14036 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14036 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LBS14036 SAW Filter Electrical Characteristic
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.95
140
140.05
Insertion Loss
dB
-
18
21
1.5 dB Bandwidth
MHz
0.185
0.19
30 dB Bandwidth
MHz
0.79
0.8
35 dB Bandwidth
MHz
0.83
Passband Variation
dB
0.01
0.5
Absolute Delay
usec
-
2.7
3
Ultimate Rejection
dB
40
42
-
Subatrate Material
Quartz
Ambient Temperature
°C
25
Center Frequency
DIP2712
(27.2x12.7x5.2mm
3)
Typical Performance
Package Outline
Matching Configuration
138
138.5
139
139.5
140
140.5
141
141.5
142
-96.5902
-86.5902
-76.5902
-66.5902
-56.5902
-46.5902
-36.5902
-26.5902
-16.5902
Frequency(MHz)
Type performance


Similar Part No. - LBS14036

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14036 SIPAT-LBS14036 Datasheet
130Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBS14036

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com