Electronic Components Datasheet Search
  English  ▼

X  

LBS14042 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14042
Description  140MHz SAW Filter 0.3MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14042 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14042 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14042 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14042 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14042
Rev. Date
2006-8-16
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
0.3MHz Bandwidth
Part Number: LBS14042
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.95
140
140.05
Insertion Loss
dB
-
23.7
25
0.75 dB Bandwidth
MHz
0.2
0.24
-
1 dB Bandwidth
MHz
0.25
0.26
-
1.5 dB Bandwidth
MHz
0.3
0.31
-
3 dB Bandwidth
MHz
-
0.37
-
38 dB Bandwidth
MHz
-
0.76
0.8
40 dB Bandwidth
MHz
-
0.77
-
45 dB Bandwidth
MHz
-
0.8
0.92
Passband Variation
dB
-
0.1
1
Absolute Delay
usec
-
4.37
5
Ultimate Rejection(out of f0±0.6MHz)
dB
45
49
-
Material Temperature coefficient
KHz/°C
0.14
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=5nH
C1=36pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1


Similar Part No. - LBS14042

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14042 SIPAT-LBS14042 Datasheet
138Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
More results

Similar Description - LBS14042

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07203 SIPAT-LBS07203 Datasheet
269Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
136Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
138Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBS07203 SIPAT-LBS07203 Datasheet
275Kb / 3P
72MHz SAW Filter 0.3MHz Bandwidth
LBS09614 SIPAT-LBS09614 Datasheet
314Kb / 3P
96MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
142Kb / 3P
140MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
196Kb / 4P
243.95MHz SAW Filter 0.3MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com