Electronic Components Datasheet Search
  English  ▼

X  

LBS14059 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14059
Description  140MHz High-Loss SAW Filter 0.26MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14059 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14059 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14059 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14059 Datasheet HTML 3Page - SIPAT Co,Ltd LBS14059 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LBS14059
Rev. Date
2004-7-6
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz High-Loss SAW Filter
0.26MHz Bandwidth
Part Number: LBS14059
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.97
140
140.03
Insertion Loss
dB
-
21
25
1 dB Bandwidth
MHz
0.26
0.315
-
1.5 dB Bandwidth
MHz
0.3
0.3691
-
11 dB Bandwidth
MHz
-
0.7233
0.8
40 dB Bandwidth
MHz
-
1.03
1.2
Passband Variation
dB
-
0.1
1
Absolute Delay
usec
-
2.09
3.5
Phase Linearity
deg
-
4
-
Ultimate Rejection
dB
40
45
-
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance shown
Matching Configuration
L=100nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
INPUT
OUTPUT
50Ω
50Ω
L1


Similar Part No. - LBS14059

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14059 SIPAT-LBS14059 Datasheet
147Kb / 4P
140MHz High-Loss SAW Filter 0.26MHz Bandwidth
More results

Similar Description - LBS14059

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS04 SIPAT-LB140DS04 Datasheet
281Kb / 3P
140MHz High-Loss SAW Filter 3.5MHz Bandwidth
LB140DS05 SIPAT-LB140DS05 Datasheet
343Kb / 3P
140MHz High-Loss SAW Filter 5MHz Bandwidth
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LBN14060 SIPAT-LBN14060 Datasheet
150Kb / 4P
140MHz High-Loss SAW Filter 35.05MHz Bandwidth
LBS14059 SIPAT-LBS14059 Datasheet
147Kb / 4P
140MHz High-Loss SAW Filter 0.26MHz Bandwidth
LBS14063 SIPAT-LBS14063 Datasheet
143Kb / 3P
140MHz High-Loss SAW Filter 1MHz Bandwidth
LBN14060 SIPAT-LBN14060 Datasheet
156Kb / 4P
140MHz High-Loss SAW Filter 35.05MHz Bandwidth
LBS14063 SIPAT-LBS14063 Datasheet
149Kb / 3P
140MHz High-Loss SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com