Electronic Components Datasheet Search
  English  ▼

X  

LBS14077 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14077
Description  140MHz SAW Filter 0.8MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14077 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14077 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14077 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14077 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14077
Rev. Date
2006-1-13
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
0.8MHz Bandwidth
Part Number:LBS14077
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.92
140
140.08
Insertion Loss
dB
-
18.4
23
1 dB Bandwidth
MHz
0.5
0.57
-
3 dB Bandwidth
MHz
0.8
0.81
-
40 dB Bandwidth
MHz
-
1.76
1.79
50 dB Bandwidth
MHz
-
1.92
1.96
Passband Variation
dB
-
0.2
1
Absolute Delay
usec
-
2.35
-
Group Delay Variation(f0±0.4MHz)
nsec
-
100
240
Ultimate Rejection
dB
50
51
-
Material Temperature coefficient
KHz/°C
0.14
Ambient Temperature
°C
25
Package Size
SMD19*6.5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=56nH L2=82nH
C1=C2=18pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBS14077

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14077 SIPAT-LBS14077 Datasheet
309Kb / 3P
140MHz SAW Filter 0.8MHz Bandwidth
More results

Similar Description - LBS14077

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07070 SIPAT-LBS07070 Datasheet
355Kb / 4P
69.99MHz SAW Filter 0.8MHz Bandwidth
LBS14077 SIPAT-LBS14077 Datasheet
309Kb / 3P
140MHz SAW Filter 0.8MHz Bandwidth
LBN14096 SIPAT-LBN14096_10 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LBS140A18 SIPAT-LBS140A18_10 Datasheet
140Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN140A69 SIPAT-LBN140A69 Datasheet
176Kb / 3P
140MHz SAW Filter 26MHz Bandwidth
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
140MHz SAW Filter 13.2MHz Bandwidth
LBS07070 SIPAT-LBS07070 Datasheet
361Kb / 4P
69.99MHz SAW Filter 0.8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com