Electronic Components Datasheet Search
  English  ▼

X  

US1A Datasheet(PDF) 1 Page - Dc Components

Part # US1A
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

US1A Datasheet(HTML) 1 Page - Dc Components

  US1A Datasheet HTML 1Page - Dc Components US1A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SECHNICAL RPECIFICASIONR OF RTQFACE MOTNS TLSQA FARS QECSIFIEQ
UOLSAGE QANGE 2 94 lh <44 Uhelk
CTQQENS 2 534 Afi^j^
MAWIMTM QASINGR AND ELECSQICAL CHAQACSEQIRSICR
QZlbg`k Zl 69 hC Zf[b^gl l^fi^jZlmj^ mge^kk hla^jobk^ ki^\b_b^]3
Rbg`e^ iaZk^1 aZe_ oZn^1 :4 Hr1 j^kbklbn^ hj bg]m\lbn^ ehZ]3
Fhj \ZiZ\blbn^ ehZ]1 ]^jZl^ \mjj^gl [q 64,3
TR5A
SHQT
TR5K
RMA - DO2658AC .
NOSER > 53 S^kl Chg]blbhgk> IF?439A1 IQ?534A1 IQQ?4369A3
63 M^Zkmj^] Zl 5 MHY Zg] Ziieb^] j^n^jk^ nhelZ`^ h_ 834 nhelk3
Dbf^gkbhgk bg bg\a^k Zg] -fbeebf^l^jk.
MZpbfmf Q^\mjj^gl P^Zd Q^n^jk^ UhelZ`^
MZpbfmf QMR Uhelk
MZpbfmf DC Beh\dbg` UhelZ`^
MZpbfmf An^jZ`^ FhjoZj] Cmjj^gl
Zl SA ?94hC
P^Zd FhjoZj] Rmj`^ Cmjj^gl <37 fk kbg`e^ aZe_ kbg^2oZn^
kmi^jbfihk^] hg jZl^] ehZ] -JEDEC M^lah].
Sqib\Ze Jmg\lbhg CZiZ\blZg\^ -Nhl^ 6.
Oi^jZlbg` Zg] RlhjZ`^ S^fi^jZlmj^ QZg`^
RXMBOL
UQQM
UDC
IO
IFRM
CJ
SJ1SRSG
UQMR
Uhelk
Uhelk
Uhelk
Afik
534
74
2:9 lh 0 5;9
Afik
iF
4
C
TNISR
5;
UF
IQ
ljj
mAfik
gR^\
MZpbfmf FhjoZj] UhelZ`^ Zl 534A DC
Uhelk
544
94
MZpbfmf Q^n^jk^ Q^\hn^jq Sbf^ -Nhl^ 5.
534
53;
544
TR5A
TR5B
TR5D
TR5G
TR5J
TR5K
94
544
644
844
:44
<44
79
;4
584
6<4
864
9:4
94
544
644
844
:44
<44
538
QECSIFIEQ RPECIALIRSR
Q
DC COMPONENTS CO., LTD.
FEASTQER
/ GeZkk iZkkbnZl^] cmg\lbhg
/ e]^Ze _hj kmj_Z\^ fhmgl^] Ziieb\Zlbhgk
/ Lho e^ZdZ`^ \mjj^gl
MECHANICAL DASA
/ CZk^> Mhe]^] ieZklb\
/ Eihpq> TL =8U24 jZl^ _eZf^ j^lZj]Zgl
/ Mhmglbg` ihkblbhg> Agq
/ V^b`al> 434:8 `jZf
/S^jfbgZek> Rhe]^j ieZl^] khe]^jZ[e^ i^j
MIL2RSD2;941 M^lah] 646:
/ PheZjblq> Ak fZjd^]
3558-63=4.
34=<-6394.
35<5-83:4.
359;-8344.
34:6-53:4.
3499-5384.
34=:-6388.
34;<-6344.
34:4-5396.
3474-3;:.
364<-936<.
35<<-83<4.
344<-43647.
3446-43495.
MZpbfmf DC Q^n^jk^ Cmjj^gl
Zl QZl^] DC Beh\dbg` UhelZ`^
@SA ?69hC
@SA ? 544hC
934
-,.
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
Dc Components
ER1A DCCOM-ER1A Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
ESM101 DCCOM-ESM101 Datasheet
435Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
FR1A DCCOM-FR1A Datasheet
528Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1A DCCOM-RS1A Datasheet
480Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
SM4933 DCCOM-SM4933 Datasheet
474Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
UF1A DCCOM-UF1A Datasheet
530Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
UF2A DCCOM-UF2A Datasheet
553Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
UF3A DCCOM-UF3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
UF4001 DCCOM-UF4001 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
UF5400 DCCOM-UF5400 Datasheet
413Kb / 2P
TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com