Electronic Components Datasheet Search
  English  ▼

X  

G1421 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G1421
Description  For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G1421 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G1421 Datasheet HTML 1Page - List of Unclassifed Manufacturers G1421 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
• Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
• 38 sizes available that accommodate
mounting holes ranging from .312˝
(7,9 mm) to holes as large as 2.50˝
(63,5 mm) in diameter and panel
thicknesses of .250˝ (6,4 mm) and
.375˝ (9,5 mm).
• Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
• SBR grommets have good water
resistant characteristics and are
suitable for most moderate chemicals
and wet or dry organic acids.
• Provides vibration dampening.
Heyco® Thick Panel
Rubber Grommets
For Panels .250˝ (6,4 mm) to .375˝ (9,5 mm) Thick
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .250˝ (6,4 mm) Thick Panels
.312
7,9
G1023
RG 312-6-8
.188
4,8
.437
11,1
.375
9,5
.437
11,1
G1058*
RG 437-8-8
.250
6,4
.625
15,9
.500
12,7
G1086*
RG 500-10-8
.313
8,0
.625
15,9
.625
15,9
G1095
RG 500-12-8
.375
9,5
.750
19,1
.500
12,7
.562
14,3
G1117*
RG 562-10-8
.313
8,0
.812
20,6
.625
15,9
G1134
RG 625-12-8
.375
9,5
.875
22,2
.500
12,7
.687
17,5
G1154
RG 687-14-8
.438
11,1
.937
23,8
.812
20,6
G1195
RG 812-16-8
.500
12,7
1.062
27,0
.500
12,7
G1200
RG 812-18-8
.562
14,3
.875
22,2
G1220
RG 875-20-8
.625
15,9
1.125
28,6
.500
12,7
1.000
25,4
G1257
RG 1000-22-8
.687
17,5
1.312
33,3
.562
14,3
G1264
RG 1000-28-8
.875
22,2
1.250
31,8
.625
15,9
1.062
27,0
G1273
RG 1062-24-8
.750
19,1
1.375
34,9
.562
14,3
1.250
31,8
G1301
RG 1250-24-8
.750
19,1
1.625
41,3
.438
11,1
G1307
RG 1250-28-8
.875
22,2
1.625
41,3
.625
15,9
1.375
34,9
G1324
RG 1375-32-8
1.000
25,4
1.750
44,5
.625
15,9
1.500
38,1
G1353
RG 1500-40-8
1.250
31,8
1.750
44,5
.500
12,7
G1354
RG 1500-40-8A
1.250
31,8
2.000
50,8
.516
13,1
1.750
44,5
G1373
RG 1750-48-8
1.500
38,1
2.000
50,8
.500
12,7
G1374
RG 1750-48-8A
1.500
38,1
2.125
54,0
.625
15,9
2.000
50,8
G1393
RG 2000-56-8
1.750
44,5
2.500
63,5
.531
13,5
G1394*
RG 2000-56-8A
1.750
44,5
2.500
63,5
.560
14,2
2.500
63,5
G1421
RG 2.5-64-8
2.000
50,8
3.000
76,2
.562
14,3
G1425
RG 2.5-72-8
2.250
57,2
3.000
76,2
.625
15,9
For .375˝ (9,5 mm) Thick Panels
.375
9,5
G1043
RG 375-10-12
.313
8,0
.562
14,3
.500
12,7
.500
12,7
G1096
RG 500-12-12
.375
9,5
.625
15,9
.625
15,9
.562
14,3
G1121
RG 562-12-12
.375
9,5
.750
19,1
.750
19,1
.625
15,9
G1136
RG 625-13-12
.406
10,3
.812
20,6
.750
19,1
G1182
RG 750-16-12
.500
12,7
1.000
25,4
.625
15,9
.875
22,2
G1214
RG 875-18-12
.562
14,3
1.062
27,0
1.000
25,4
G1249
RG 1000-18-12
.562
14,3
1.250
31,8
1.125
28,6
G1278
RG 1125-24-12
.750
19,1
1.625
41,3
1.125
28,6
1.250
31,8
G1308**
RG 1250-28-12
.875
22,2
1.750
44,5
.750
19,1
G1314
RG 1250-32-12
1.000
25,4
1.500
38,1
.625
15,9
1.375
34,9
G1326
RG 1375-32-12
1.000
25,4
1.750
44,5
.750
19,1
1.750
44,5
G1375
RG 1750-48-12
1.500
38,1
2.125
54,0
2.000
50,8
G1395
RG 2000-56-12
1.750
44,5
2.500
63,5
.625
15,9
2.500
63,5
G1427
RG 2.5-72-12
2.250
57,2
3.000
76,2
.750
19,1
Standard color black. *Nitrile **Neoprene
5-20
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Material
SBR (Styrene Butadiene)
Temperature Rating
-40°F (-40°C) to 221oF (105°C)
Quick
Specs
C
B
A


Similar Part No. - G1421

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
logo
Heyco.
G1421 HEYCO-G1421 Datasheet
92Kb / 1P
Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1421F GMT-G1421F Datasheet
431Kb / 24P
2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
More results

Similar Description - G1421

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2008-GH40A ROHM-KF2008-GH40A Datasheet
78Kb / 5P
Thick film thermal printhead (8dots / mm)
KA2008-AF10A ROHM-KA2008-AF10A Datasheet
55Kb / 5P
Thick film thermal printhead (8dots / mm)
logo
PHOENIX CONTACT
2700157 PHOENIX-2700157 Datasheet
47Kb / 2P
Tube, 250 mm long, 횠 25 mm
logo
Schneider Electric
XUSZMD016 SCHNEIDER-XUSZMD016 Datasheet
69Kb / 2P
Mirrors for safety light curtains with fastening systems 250 mm - Hp = 160 mm
Jan 19, 2021
logo
WAGO Kontakttechnik Gmb...
2002-1591 WAGO-2002-1591 Datasheet
69Kb / 2P
End plate; 1 mm thick; gray
25.11.2021
2002-1593 WAGO-2002-1593 Datasheet
73Kb / 2P
Separator plate; 1 mm thick; gray
25.11.2021
209-190 WAGO-209-190 Datasheet
232Kb / 5P
Separator for Ex e/Ex i applications; 3 mm thick; 90 mm wide; orange
24.11.2021
209-191 WAGO-209-191 Datasheet
220Kb / 5P
Separator for Ex e/Ex i applications; 3 mm thick; 120 mm wide; orange
24.11.2021
209-192 WAGO-209-192 Datasheet
184Kb / 4P
Separator for Ex e/Ex i applications; 3 mm thick; 125.5 mm wide; orange
24.11.2021
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
End plate; 0.7 mm thick; gray
24.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com