Electronic Components Datasheet Search
  English  ▼

X  

OPB930 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OPB930
Description  Photologic짰 Slotted Optical Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB930 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OPB930 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB930 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
02/08
Page 3 of 7
Photologic® Slotted Optical Switch
OPB930 and OPB940 (L and W Series)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Color- Pin #
Description
Red—1
Anode
Black—2
Cathode
White—3
VCC
Blue—4
Output
Green—5
Ground
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
PCBoard (L) version
Wired (W) version
The W Series includes wire terminations of 24” (610 mm) 7-strand, 26
AWG UL insulated wire on each terminal. Each device incorporates a
wire strain relief at the housing surface. The insulation functions and
colors are: anode (red), cathode (black), phototransistor collector (white)
and phototransistor emitter (green).
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com