Electronic Components Datasheet Search
  English  ▼

X  

1N5347B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1N5347B
Description  5W ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5347B Datasheet(HTML) 3 Page - Diodes Incorporated

  1N5347B Datasheet HTML 1Page - Diodes Incorporated 1N5347B Datasheet HTML 2Page - Diodes Incorporated 1N5347B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S21407 Rev. D-3
3 of 3
1N5344B-1N5388B
1
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 1, Typ. Capacitance vs. Reverse Voltage
R
1N5350B
1N5357B
1N5365B
1N5378B
1N5388B
1
2
3
4
5
6
25
50
75
100
125
150
175
200
0
0
T LEAD TEMPERATURE 9.5 mm FROM BODY (ºC)
Fig. 3, Power Derating Curve
L,
1.0
1N5378B
10
100
1000
1.0
10
100
1N5388B
1N5365B
1N5357B
I , ZENER CURRENT (mA)
Fig. 2, Typ. Zener Impedance vs. Zener Current
ZT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com