Electronic Components Datasheet Search
  English  ▼

X  

LBS14093 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14093
Description  140MHz SAW Filter 1MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14093 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14093 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14093 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14093 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14093
Rev. Date
2006-1-17
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
1MHz Bandwidth
Part Number: LBS14093
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.8
140
140.2
Insertion Loss
dB
-
23.5
25.5
1 dB Bandwidth
MHz
1.28
1.3
-
3 dB Bandwidth
MHz
-
1.5
-
15 dB Bandwidth
MHz
1.9
2
40 dB Bandwidth
MHz
-
2.2
-
Passband Variation(f0±0.64MHz)
dB
-
0.6
1
Absolute Delay
usec
-
3.3
3.4
Ultimate Rejection(f0±4MHz)
dB
57
64
-
Material Temperature coefficient
KHz/°C
0.14
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=L2=33nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
L2
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBS14093

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14093 SIPAT-LBS14093 Datasheet
137Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
More results

Similar Description - LBS14093

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14028 SIPAT-LBS14028 Datasheet
186Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14063 SIPAT-LBS14063 Datasheet
143Kb / 3P
140MHz High-Loss SAW Filter 1MHz Bandwidth
LBS14086 SIPAT-LBS14086 Datasheet
139Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14093 SIPAT-LBS14093 Datasheet
137Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS50 SIPAT-LB140DS50 Datasheet
149Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBS14028 SIPAT-LBS14028 Datasheet
191Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
LBS14063 SIPAT-LBS14063 Datasheet
149Kb / 3P
140MHz High-Loss SAW Filter 1MHz Bandwidth
LBS14086 SIPAT-LBS14086 Datasheet
144Kb / 3P
140MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com