Electronic Components Datasheet Search
  English  ▼

X  

LBS14095 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS14095
Description  140MHz SAW Filter 2MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14095 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS14095 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14095 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14095 Datasheet HTML 3Page - SIPAT Co,Ltd LBS14095 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14095
Rev. Date
2007-3-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
2MHz Bandwidth
Part Number: LBS14095
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.85
140
140.15
Insertion Loss
dB
-
26
27
1 dB Bandwidth
MHz
-
1.65
-
3 dB Bandwidth
MHz
1.7
1.83
-
40 dB Bandwidth
MHz
-
2.55
-
Passband Variation
dB
-
0.5
1.5
Absolute Delay
usec
-
3.7
4
f0±1.3MHz
dB
35
40
-
f0±1.5MHz
dB
45
50
-
f0±1.9MHz
dB
50
65
-
f0±5.9MHz
dB
55
67
-
Ultimate Rejection
f0±11MHz
dB
55
66
-
Material Temperature coefficient
KHz/°C
0.14
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBS14095

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14095 SIPAT-LBS14095 Datasheet
150Kb / 4P
140MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS14095

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS31 SIPAT-LB140DS31 Datasheet
144Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS14091 SIPAT-LBS14091 Datasheet
138Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LB140DS39 SIPAT-LB140DS39 Datasheet
150Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A15 SIPAT-LBS140A15 Datasheet
147Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A17 SIPAT-LBS140A17 Datasheet
146Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A25 SIPAT-LBS140A25 Datasheet
148Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A40 SIPAT-LBS140A40 Datasheet
147Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A25 SIPAT-LBS140A25 Datasheet
148Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS14052 SIPAT-LBS14052 Datasheet
142Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS14091 SIPAT-LBS14091 Datasheet
144Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com