Electronic Components Datasheet Search
  English  ▼

X  

LBS16042 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS16042
Description  160MHz SAW Filter 4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS16042 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS16042 Datasheet HTML 1Page - SIPAT Co,Ltd LBS16042 Datasheet HTML 2Page - SIPAT Co,Ltd LBS16042 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS16042
Rev. Date
2006-9-4
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz SAW Filter
4MHz Bandwidth
Part Number: LBS16042
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.92
160
160.08
Insertion Loss
dB
-
22
25
1dB Bandwidth
MHz
4.1
4.2
-
3 dB Bandwidth
MHz
4.4
4.46
-
40 dB Bandwidth
MHz
-
5.35
5.4
50 dB Bandwidth
MHz
-
6.12
6.5
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
2.76
3.75
Phase Linearity(over 1dB bandwidth)
deg
-
5
6
Group Delay Variation(over 1dB bandwidth)
nsec
-
120
150
Ultimate Rejection(f0±3.2MHz)
dB
45
47
-
Material Temperature coefficient
KHz/°C
0.16
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=100nH L2=82nH
C1=C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS16042

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16042 SIPAT-LBS16042 Datasheet
139Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS16042

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16028 SIPAT-LBT16028 Datasheet
271Kb / 3P
160MHz SAW Filter 16.4MHz Bandwidth
LBN16003B SIPAT-LBN16003B Datasheet
137Kb / 3P
160MHz SAW Filter 19.4MHz Bandwidth
LBN16003C SIPAT-LBN16003C Datasheet
137Kb / 3P
160MHz SAW Filter 19.4MHz Bandwidth
LBN16027 SIPAT-LBN16027 Datasheet
138Kb / 3P
160MHz SAW Filter 20MHz Bandwidth
LBN16032 SIPAT-LBN16032 Datasheet
139Kb / 3P
160MHz SAW Filter 9.2MHz Bandwidth
LBS16005 SIPAT-LBS16005 Datasheet
140Kb / 4P
160MHz IF SAW Filter 4MHz Bandwidth
LBS16033 SIPAT-LBS16033 Datasheet
139Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS16042 SIPAT-LBS16042 Datasheet
139Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS16005 SIPAT-LBS16005 Datasheet
145Kb / 4P
160MHz IF SAW Filter 4MHz Bandwidth
LBS16033 SIPAT-LBS16033 Datasheet
145Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com