Electronic Components Datasheet Search
  English  ▼

X  

357-561 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 357-561
Description  Economic Environmental Connecting Solutions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

357-561 Datasheet(HTML) 3 Page - Amphenol Corporation

  357-561 Datasheet HTML 1Page - Amphenol Corporation 357-561 Datasheet HTML 2Page - Amphenol Corporation 357-561 Datasheet HTML 3Page - Amphenol Corporation 357-561 Datasheet HTML 4Page - Amphenol Corporation 357-561 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rated insulation voltage
250 V~
Rated impulse withstand voltage
1000 V~
Current carrying capacity
8 A
Insulation resistance
> 5000 M
Ω
Contact resistance
< 30 m
Ω
Operating temperature
- 40°C to +105°C
Wire gauge
AWG 18 – AWG 14 (1,0 mm² - 2,5 mm²)
Overall wire insulation diameter
0.080 to 0.130 inches (2,03 to 3,30 mm)
Contact Material
Tinned copper alloy
Insulation material
Santoprene, thermoplastic rubber
Mating cycles
Max. 25
Contact retention
Axial displacement of contact < 0.03 inches (0,762 mm)
Color
Black
Strain relief
For free connectors, the wires have to be prevented
against push-/pull-forces and from rotation at the
connection area.
No. of
contacts
A
B
1
0.497 inches (12,624 mm)
0.440 inches (11,176 mm)
2
0.607 inches (15,418 mm)
0.470 inches (11,938 mm)
3
0.708 inches (17,983 mm)
0.570 inches (14,478 mm)
4
0.819 inches (20,803 mm)
0.682 inches (17,323 mm)
5
0.819 inches (20,803 mm)
0.682 inches (17,323 mm)
6
0.933 inches (23,698 mm)
0.796 inches (20,218 mm)
Amphenol 44 Series
Dimensions
Technical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com