Electronic Components Datasheet Search
  English  ▼

X  

2W005G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2W005G
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2W005G Datasheet(HTML) 1 Page - Diodes Incorporated

  2W005G Datasheet HTML 1Page - Diodes Incorporated 2W005G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21204 Rev. G-2
1 of 2
2W005G - 2W10G
2W005G - 2W10G
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
A
B
D
E
G
G
C
+
-
+
-
WOG
Dim
Min
Max
A
8.84
9.86
B
4.00
4.60
C
27.90
¾
D
25.40
¾
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
2W
005G
2W
01G
2W
02G
2W
04G
2W
06G
2W
08G
2W
10G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TA = 25°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
per element (JEDEC Method)
IFSM
60
A
Forward Voltage (per element)
@ IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
500
mA
Typical Junction Capacitance
(Note 2)
Cj
16
pF
Typical Thermal Resistance Junction to Case
RqJC
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
·
Glass Passivated Die Construction
·
Diffused Junction
·
Low Forward Voltage Drop, High Current
Capability
·
Surge Overload Rating to 60A Peak
·
Ideal for Printed Circuit Boards
·
Case to Terminal Isolation Voltage 1500V
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As marked on Body
·
Weight: 1.3 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number


Similar Part No. - 2W005G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Fuji Electric
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - 2W005G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005 WTE-GBP2005 Datasheet
47Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP200G WTE-KBP200G Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_1 Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
Zibo Seno Electronic En...
DB201 ZSELEC-DB201 Datasheet
73Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DB202 YFWDIODE-DB202 Datasheet
437Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP201 YFWDIODE-KBP201 Datasheet
875Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_V01 Datasheet
340Kb / 5P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
June 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com