Electronic Components Datasheet Search
  English  ▼

X  

SA120 Datasheet(PDF) 3 Page - Dc Components

Part # SA120
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SA120 Datasheet(HTML) 3 Page - Dc Components

  SA120 Datasheet HTML 1Page - Dc Components SA120 Datasheet HTML 2Page - Dc Components SA120 Datasheet HTML 3Page - Dc Components SA120 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
SA5.0
6.40
7.30
10
5.0
600
52.0
9.6
SA5.0A
6.40
7.00
10
5.0
600
54.3
9.2
SA6.0
6.67
8.15
10
6.0
600
43.9
11.4
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
SA6.5
7.22
8.82
10
6.5
400
40.7
12.3
SA6.5A
7.22
7.98
10
6.5
400
44.7
1 1.2
SA7.0
7.78
9.51
10
7.0
150
37.8
13.3
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
SA7.5
8.33
10.2
1.0
7.5
50
35.0
14.3
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
SA8.0
8.89
10.9
1.0
8.0
25
33.3
15.0
SA8.0A
8.89
9.83
1.0
8.0
25
36.7
13.6
SA8.5
9.44
1 1.5
1.0
8.5
10
31.4
15.9
SA8.5A
9.44
10.4
1.0
8.5
10
34.7
14.4
SA9.0
10.0
12.2
1.0
9.0
5.0
29.5
16.9
SA9.0A
10.0
1 1.1
1.0
9.0
5.0
32.5
15.4
SA10
1 1.1
13.6
1.0
10.0
3.0
26.6
18.8
SA10A
1 1.1
12.3
1.0
10.0
3.0
29.4
17.0
SA1 1
12.2
14.9
1.0
1 1.0
3.0
24.9
20.1
SA1 1A
12.2
13.5
1.0
1 1.0
3.0
27.4
18.2
SA12
13.3
16.3
1.0
12.0
3.0
22.7
22.0
SA12A
13.3
14.7
1.0
12.0
3.0
25.1
19.9
SA13
14.4
17.6
1.0
13.0
3.0
21.0
23.8
SA13A
14.4
15.9
1.0
13.0
3.0
23.2
21.5
SA14
15.6
19.1
1.0
14.0
3.0
19.4
25.8
SA14A
15.6
17.2
1 1.0
14.0
3.0
21.5
23.2
SA15
16.7
20.4
1.0
15.0
3.0
18.8
26.9
SA15A
16.7
18.5
1.0
15.0
3.0
20.6
24.4
SA16
17.8
21.8
1.0
16.0
3.0
17.6
28.8
SA16A
17.8
19.7
1.0
16.0
3.0
19.2
26.0
SA17
18.9
23.1
1.0
17.0
3.0
16.4
30.5
SA17A
18.9
20.9
1.0
17.0
3.0
18.1
27.6
SA18
20.0
24.4
1.0
18.0
3.0
15.5
32.2
SA18A
20.0
22.1
1.0
18.0
3.0
17.2
29.2
SA20
22.2
27.1
1.0
20.0
3.0
13.9
35.8
SA20A
22.2
24.5
1.0
20.0
3.0
15.4
32.4
SA22
24.4
29.8
1.0
22.0
3.0
12.7
39.4
SA22A
24.4
26.9
1.0
22.0
3.0
14.1
35.5
SA24
26.7
32.6
1.0
24.0
3.0
1 1.6
43.0
SA24A
26.7
29.5
1.0
24.0
3.0
12.8
38.9
SA26
28.9
35.3
1.0
26.0
3.0
10.7
46.6
SA26A
28.9
31.9
1.0
26.0
3.0
1 1.9
42.1
SA28
31.1
38.0
1.0
28.0
3.0
9.9
50.1
SA28A
31.1
34.4
1.0
28.0
3.0
1 1.0
45.4
SA30
33.3
40.7
1.0
30.0
3.0
9.3
53.5
SA30A
33.3
36.8
1.0
30.0
3.0
10.3
48.4
SA33
36.7
44.9
1.0
33.0
3.0
8.6
59.0
SA33A
36.7
4.06
1.0
33.0
3.0
9.4
53.5
170
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com