Electronic Components Datasheet Search
  English  ▼

X  

6A2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 6A2
Description  6.0A SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

6A2 Datasheet(HTML) 1 Page - Diodes Incorporated

  6A2 Datasheet HTML 1Page - Diodes Incorporated 6A2 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS28009 Rev. F-2
1 of 2
6A05 - 6A10
Features
·
High Surge Current Capability
·
Low Leakage and Forward Voltage Drop
Mechanical Data
·
Case: R-6, Molded Plastic
·
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Color Band Indicates Cathode
·
Approx. Weight: 2.1 grams
·
Plastic Material - UL Flammability
Classification 94V-0
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, halfwave, 60Hz, resistive or inductive load.
Maximum Ratings and Electrical Characteristics@25°C unless otherwise specified
Characteristic
Symbol 6A05
6A1
6A2
6A4
6A6
6A8
6A10
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
9.5mm lead length @ TA = 75°C (See Fig. 1)
I(AV)
6.0
A
Peak Forward Surge Current 8.3 ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
400
A
Maximum Instantaneous Forward Current at 6.0A DC
VF
0.90
V
Maximum DC Reverse Current
@ TA = 25°C
at Rated Blocking Voltage
@ TA = 100°C
IR
10
100
µA
Operating and Storage Temperature Range
TJ,
TSTG
-65 to +175
°C
6A05 - 6A10
6.0A SILICON RECTIFIER
A
A
B
C
D
R-6
Dim
Min
Max
A
25.40
—
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm


Similar Part No. - 6A2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A2 RECTRON-6A2 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A2 JGD-6A2 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A2 BYTES-6A2 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A2 DCCOM-6A2 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Formosa MS
6A2 FORMOSA-6A2 Datasheet
34Kb / 2P
6.0 AMP SILICON RECTIFIERS
More results

Similar Description - 6A2

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600A WTE-P600A Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
6.0A RECTIFIER
DS28008 Rev. G-3
6A05 DIODES-6A05_1 Datasheet
63Kb / 3P
6.0A SILICON RECTIFIER
DS28009 Rev. 7 - 2
logo
TAITRON Components Inco...
T6A05 TAITRON-T6A05 Datasheet
213Kb / 6P
6.0A Standard Rectifier
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
6.0A Single-Phase Silicon Bridge Rectifier
logo
Diodes Incorporated
6A05 DIODES-6A05_2 Datasheet
90Kb / 3P
6.0A SILICON RECTIFIER
DS28009 Rev. 9 - 2
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05 Datasheet
113Kb / 2P
Silicon Rectifier, 6.0A
logo
SUNMATE electronic Co.,...
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
6.0A Axial Leaded Silicon Rectifier
logo
Diodes Incorporated
6A05 DIODES-6A05_15 Datasheet
90Kb / 3P
6.0A SILICON RECTIFIER
Rev erse
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05_17 Datasheet
113Kb / 2P
Silicon Rectifier, 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com