Electronic Components Datasheet Search
  English  ▼

X  

LM1114M3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # LM1114M3
Description  Low Dropout CMOS Voltage Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114M3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  LM1114M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1114M3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 5/12
LM1114M3/A3
CYStek Product Specification
LM1114-5.0
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=6.0V
4.900
5.000
5.100
V
1
Line Regulation △Vout/△VinVout
Io=40mA,6.0V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=6V,1mA<Io<100mA
-
30
70
mV
1
Current Consumption
Vin=6.0V
-
1
4.5
μA
2
Io=100mA
-
0.21
0.3
V
1
Dropout Voltage
Io=200mA
-
0.4
0.6
V
1
Test Circuits
Circuit 1
Circuit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com