Electronic Components Datasheet Search
  English  ▼

X  

B0540W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B0540W
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0540W Datasheet(HTML) 2 Page - Diodes Incorporated

  B0540W Datasheet HTML 1Page - Diodes Incorporated B0540W Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30138 Rev. 2 - 2
2 of 2
B0540W
www.diodes.com
0
200
300
500
025
50
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Derating Curve
400
100
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
B0540W-7
SOD-123
3000/Tape & Reel
Ordering Information (Note 4)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XX = Product Type Marking Code (See Sheet 1)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XX
Marking Information
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
Code
JK
L
M
N
P
RS
T
U
V
0
0.25
0.50
0
50
100
150
T , LEAD TEMPERATURE (
°C)
L
Fig. 2 Forward Current Derating Curve
0.75
1.0
25
75
125
0.01
0.1
1.0
10
0.2
00.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.3 Typical Forward Characteristics
V , REVERSE VOLTAGE (V)
R
Fig.4 Typ. Total Capacitance vs Reverse Voltage
1000
1.0
10
100
0
5
10
15
20
f= 1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com