| Electronic Components Datasheet Search |
|
FWDFM50S Datasheet(PDF) 5 Page - Molex Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
FWDFM50S Datasheet(HTML) 5 Page - Molex Electronics Ltd. |
|
5 / 9 page ![]() ALL DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE 99 DS 10/2007 Connectors with Solder Pot Termination, Front Mounting Steckverbinder mit Löttopfanschluss, frontseitige Montage Waterproof Connectors with Metal Watertight Frame Wasserdichte Steckverbinder mit Metalldichtrahmen Connectors with Solder Pot Termination, Rear Mounting Steckverbinder mit Löttopfanschluss, rückseitige Montage Connectors with Solder Pot Termination, max. AWG 20 Steckverbinder mit Löttopfanschluss, max. AWG 20 Number of Contacts A B C Order number pin Order Number Socket Inner Thread On Request Polzahl ±0,2 ±0,1 ±0,2 Bestellnummer Stift Bestellnummer Buchse Innengewinde Auf Anfrage (±0.008) (±0.004) (±0.008) 4-40 UNC M3 9 40,0 25,0 21,0 FWDFM09P FWDFM09S Standard -K413 • (1.575) (0.984) (0.827) Standard 15 48,3 33,3 21,0 FWDFM15P FWDFM15S Standard -K413 • (1.902) (1.311) (0.827) Standard 25 62,0 47,04 21,00 FWDFM25P FWDFM25S Standard -K413 • (2.441) (1.852) (0.827) Standard 37 78,5 63,5 21,0 FWDFM37P FWDFM37S Standard -K413 (3.091) (2.500) (0.827) Standard 50 76,1 61,1 23,2 FWDFM50P FWDFM50S Standard -K413 • (2.996) (2.406) (0.913) Standard Connectors with Solder Pot Termination, max. AWG 20 Steckverbinder mit Löttopfanschluss, max. AWG 20 Number of Contacts A B C Order Number Pin Order Number Socket Inner Thread On Request Polzahl ±0,2 ±0,1 ±0,2 Bestellnummer Stift Bestellnummer Buchse Innengewinde Auf Anfrage (±0.008) (±0.004) (±0.008) 4-40 UNC M3 9 40,0 25,0 21,0 FWDRM09P FWDRM09S Standard -K414 • (1.575) (0.984) (0.827) Standard 15 48,3 33,3 21,0 FWDRM15P FWDRM15S Standard -K414 (1.902) (1.311) (0.827) Standard 25 62,0 47,04 21,00 FWDRM25P FWDRM25S Standard -K414 (2.441) (1.852) (0.827) Standard 37 78,5 63,5 21,0 FWDRM37P FWDRM37S Standard -K414 (3.091) (2.500) (0.827) Standard 50 76,1 61,1 23,2 FWDRM50P FWDRM50S Standard -K414 (2.996) (2.406) (0.913) Standard |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |