Electronic Components Datasheet Search
  English  ▼

X  

B140B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B140B
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140B Datasheet(HTML) 3 Page - Diodes Incorporated

  B140B Datasheet HTML 1Page - Diodes Incorporated B140B Datasheet HTML 2Page - Diodes Incorporated B140B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B1
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
X0 = Product type marking code, ex: B120 (SMA package)
B1X0B = Product type marking code, ex: B160B (SMB package)
YWW
B1X0(B)
DS13002 Rev. 13 - 2
3 of 3
B120/B-B160/B
www.diodes.com
100
10
1
0.1
1000
10,000
0
20
40
60
70
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 7 Typical Reverse Characteristics, B150/B thru B160/B
10
30
50
T = +25
°C
A
T = +125
°C
A
T = +70
°C
A
(Note 4)
Ordering Information
Device*
Packaging
Shipping
B1XX-13-F
SMA
5000/Tape & Reel
B1XXB-13-F
SMB
3000/Tape & Reel
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* xx = Device type, e.g. B120-13-F (SMA package); B120B-13-F (SMB package).
Note: Device has a cathode band (as shown above) and may also have a cathode notch (as shown on Page 1).
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.
Marking Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com