Electronic Components Datasheet Search
  English  ▼

X  

FT201X Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FT201X
Description  Future Technology Devices International Ltd.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT201X Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FT201X Datasheet HTML 16Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 17Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 18Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 19Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 20Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 21Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 22Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 23Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Copyright © 2013 Future Technology Devices International Limited
20
FT201X USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000627 Clearance No.: FTDI# 264
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.62
VCCIO
VCCIO
V
Ioh = +/-2mA
I/O Drive strength*
= 4mA
1.62
VCCIO
VCCIO
V
I/O Drive strength*
= 8mA
1.62
VCCIO
VCCIO
V
I/O Drive strength*
= 12mA
1.62
VCCIO
VCCIO
V
I/O Drive strength*
= 16mA
Vol
Output Voltage Low
0
0.4
V
Iol = +/-2mA
I/O Drive strength*
= 4mA
0
0.4
V
I/O Drive strength*
= 8mA
0
0.4
V
I/O Drive strength*
= 12mA
0
0.4
V
I/O Drive strength*
= 16mA
Vil
Input low Switching
Threshold
0.77
V
LVTTL
Vih
Input High Switching
Threshold
1.6
V
LVTTL
Vt
Switching Threshold
0.77
V
LVTTL
Vt-
Schmitt trigger negative
going threshold voltage
0.557
V
Vt+
Schmitt trigger positive
going threshold voltage
0.893
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage Current
-10
+/-1
10
μA
Vin = 0
Ioz
Tri-state output leakage
current
-10
+/-1
10
μA
Vin = 5.5V or 0
Table 6.6 I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins)
* The I/O drive strength and slow slew-rate are configurable in the MTP memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com