Electronic Components Datasheet Search
  English  ▼

X  

DHS100B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DHS100B
Description  DC-DC Converters Power Module type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHS100B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DHS100B Datasheet HTML 2Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 3Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 4Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 5Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 6Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 7Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 8Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 9Page - List of Unclassifed Manufacturers DHS100B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DHS-7
DHS200A
External view
RC
+VIN
-VOUT
-VIN
-S
TRM
+S
+VOUT
6-
f1
[0.04]
±0.1
4-
f3.5
[0.14]
[1.9]
2-
f2 ±0.2
4-M3
Lot No.
6-
f1.5
[0.06]
2-
f2.5
[0.1]
(5.0)
48.3 ±0.5
48.3
58.4
[0.08]
[0.2]
[1.9]
[2.3]
max
¶ Dimensions in mm, [ ]=inches
¶ Div. : 0.2inch
¶ Dimensions in mm, [ ]=inches
(TOP VIEW)
Recomending size for processing PCB
Case(PBT)
Base Plate(Aluminum)
Name Plate
Mounting Hole
¶ Tolerance : ±0.3 [±0.012]
¶ Weight : 100g max
¶ Mounting hole screwing torque : 0.49N
-m (5.0kgf-cm) max
DHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com