Electronic Components Datasheet Search
  English  ▼

X  

FT441 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT441
Description  1.5MHz, 900mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT441 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT441 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT441 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Fremont Micro Devices
FT441
www.fremontmicro.com
Page 1 of 10
DS441-A2
1.5MHz, 900mA Synchronous Step-Down Converter
FEATURES
High Efficiency - Up to 95%
Guaranteed 900mA Output Current
2.5V to 5.5V Input Voltage Range
1.5MHz Constant Frequency Operation
No external Schottky Diode Needed
Adjustable Output Voltages From 0.6V to VIN
Fixed Output Voltage Options Available
100% Duty Cycle Low-Dropout Operation
0.1μA Shutdown Current
SOT23-5 Package
TYPICAL APPLICATIONS
Cellular phones
DSP Core Supplies
XDSL Applications
USB Powered Modems
Digital Still Cameras
Portable Instruments
PC Cards and Notebooks
DESCRIPTION
The FT441 is a 1.5MHz constant frequency, slope
compensated current mode step down converter. It is
ideal for portable equipment requiring very high
current up to 0.9A from single-cell Lithium-ion
batteries while still achieving over 90% efficiency
during peak load conditions.
The FT441 integrates a main switch and a
synchronous rectifier for high efficiency without an
external Schottky diode. The FT441 automatically
turns off the synchronous rectifier to increase
efficiency while enters discontinuous PWM mode.
The FT441 can run at 100% duty cycle for low
dropout operation, maximizing battery life in portable
application. FT441 consumes less than 1uA when
enter shutdown mode.
The FT441 is available in a fixed output voltages of
1.2V, 1.5V, and 1.8V, and is also available in an
adjustable output voltage version capable of
generating output voltages from 0.6V to VIN .The
FT441 is available in a 5-pin SOT23-5 package.


Similar Part No. - FT441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
FT4442 ETC2-FT4442 Datasheet
186Kb / 12P
Low voltage and low power operations:
More results

Similar Description - FT441

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP28128 MPS-MP28128 Datasheet
444Kb / 11P
2.5A, 1.5MHz Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
1.5MHz 600mA Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com