Electronic Components Datasheet Search
  English  ▼

X  

DHS50B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DHS50B
Description  DC-DC Converters Power Module type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHS50B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DHS50B Datasheet HTML 1Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 2Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 3Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 4Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 5Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 6Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 7Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 8Page - List of Unclassifed Manufacturers DHS50B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DHS-6
DHS200A
DC-DC Converters Power Module type
DH
S
200
A
05
-O
Ordering information
1
2
3
4
5
6
1Series name
2Single output
3Output wattage
4A : DC60-160V
5Output voltage
6Optional
T : with Mounting hole
(f3.4 thru)
MODEL
DHS200A05
DHS200A12
DHS200A15
DHS200A24
MAX OUTPUT WATTAGE[W]
200.0
200.4
201.0
201.6
DC OUTPUT
5V 40A
12V 16.7A
15V 13.4A
24V 8.4A
SPECIFICATIONS
MODEL
DHS200A05
DHS200A12
DHS200A15
DHS200A24
INPUT
VOLTAGE[V]
DC60 - 160
CURRENT[A]
*1 2.1A
2.1A
2.1A
2.1A
EFFICIENCY[%]
*1 87.0typ
88.0typ
88.0typ
88.0typ
OUTPUT
VOLTAGE[V]
5
121524
CURRENT[A]
40
16.7
13.4
8.4
LINE REGULATION[mV]
10max
24max
30max
48max
LOAD REGULATION[mV]
10max
24max
30max
48max
RIPPLE[mVp-p]
0 to +100C*2 80max
120max
120max
120max
-40 to 0C *2 120max
150max
150max
150max
0 to 15% Load*2 160max
240max
240max
240max
RIPPLE NOISE[mVp-p]
0 to +100C*2 120max
150max
150max
150max
-40 to 0C *2 200max
200max
200max
250max
0 to 15% Load*2 240max
300max
300max
300max
TEMPERATURE REGULATION[mV]
0 to +65C 50max
120max
150max
240max
-40 to +100C 100max
240max
300max
480max
DRIFT[mV]
*3 20max
40max
60max
90max
START-UP TIME[ms]
200max (DCIN 110V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *4
Fixed (TRM pin open), adjustable by external VR or external voltage
3.00 - 6.00
7.20 - 13.20
9.00 - 16.50
14.40 - 26.40
OUTPUT VOLTAGE SETTING[V]
4.97 - 5.13
11.91 - 12.29
14.76 - 15.24
23.62 - 24.38
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION[V] 6.30 - 7.30
13.90 - 16.35
17.25 - 20.25
27.60 - 32.40
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided (Neqative Logic L : ON, H :OFF)
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (20
±15C)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (20
±15C)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (20
±15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-40 to +100C (On aluminum base plate), 20 - 95%RH (Non condensing) (Refer to DERATING CURVE), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis Complies with IEC61373 Category 1 Class B
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis Complies with IEC61373 Category 1 Class B
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL (CSA60950-1), EN60950-1
OTHERS
CASE SIZE/WEIGHT
58.4X12.7X61mm [2.3X0.5X2.4 inches] (WXHXD) / 100g max
COOLING METHOD
Conduction cooling (e.g. heat radiation from the aluminum base plate to the attached heat sink)
*1
At rated input(DC110V) and rated load.
*2
Ripple and ripple noise is measured by using measuring board. Refer to the manual.
*3
Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
*4
Refer to the manual for input range.
*Providing heat sink
as option
DHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com