Electronic Components Datasheet Search
  English  ▼

X  

DHS100A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DHS100A
Description  DC-DC Converters Power Module type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHS100A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DHS100A Datasheet HTML 4Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 5Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 6Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 7Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 8Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 9Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 10Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 11Page - List of Unclassifed Manufacturers DHS100A Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DHS-12
DHS250B
DC-DC Converters Power Module type
DH
S
250
B
05
-O
Ordering information
1
2
3
4
5
6
1Series name
2Single output
3Output wattage
4B : DC200-400V
5Output voltage
6Optional
T : with Mounting hole
(f3.4 thru)
MODEL
DHS250B03 DHS250B05 DHS250B07 DHS250B12 DHS250B15 DHS250B24 DHS250B28 DHS250B48
MAX OUTPUT WATTAGE[W]
165.0
250.0
247.5
252.0
247.5
252.0
252.0
249.6
DC OUTPUT
3.3V 50A
5V 50A
7.5V 33A
12V 21A
15V 16.5A
24V 10.5A
28V 9.0A
48V 5.2A
SPECIFICATIONS
MODEL
DHS250B03 DHS250B05 DHS250B07 DHS250B12 DHS250B15 DHS250B24 DHS250B28 DHS250B48
INPUT
VOLTAGE[V]
DC200 - 400
CURRENT[A]
*1 0.67A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
1.0A
EFFICIENCY[%]
*1 88.0typ
90.0typ
88.0typ
88.0typ
88.0typ
88.0typ
88.0typ
89.0typ
OUTPUT
VOLTAGE[V]
3.3
5
7.5
12
15
24
28
48
CURRENT[A]
50
50
33
21
16.5
10.5
9.0
5.2
LINE REGULATION[mV]
10max
10max
20max
24max
30max
48max
56max
96max
LOAD REGULATION[mV]
10max
10max
20max
24max
30max
48max
56max
96max
RIPPLE[mVp-p]
0 to +100C*2 80max
80max
100max
120max
120max
120max
120max
200max
-40 to 0C *2 120max
120max
130max
150max
150max
150max
150max
250max
0 to 15% Load*2 160max
160max
200max
240max
240max
240max
240max
400max
RIPPLE NOISE[mVp-p]
0 to +100C*2 120max
120max
130max
150max
150max
150max
150max
250max
-40 to 0C *2 200max
200max
200max
200max
200max
250max
250max
400max
0 to 15% Load*2 240max
240max
260max
300max
300max
300max
300max
500max
TEMPERATURE REGULATION[mV]
0 to +65C 35max
50max
70max
120max
150max
240max
280max
480max
-40 to +100C 66max
100max
140max
240max
300max
480max
560max
960max
DRIFT[mV]
*3 16max
20max
30max
40max
60max
90max
90max
180max
START-UP TIME[ms]
200max (DCIN 280V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *4
Fixed (TRM pin open), adjustable by external VR or external voltage
1.98 - 3.96
3.00 - 6.00
4.50 - 8.25
7.20 - 13.20
9.00 - 16.50
14.40 - 26.40
16.80 - 30.80
28.80 - 52.80
OUTPUT VOLTAGE SETTING[V]
3.30 - 3.40
4.97 - 5.13
7.43 - 7.67
11.91 - 12.29
14.76 - 15.24
23.62 - 24.38
27.56 - 28.44
47.24 - 48.76
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION[V] 4.20 - 4.85
6.30 - 7.30
8.70 - 10.20
13.90 - 16.35
17.25 - 20.25
27.60 - 32.40
32.20 - 37.80
55.20 - 64.80
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided (Neqative Logic L : ON, H :OFF)
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (20
±15C)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (20
±15C)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (20
±15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-40 to +100C (On aluminum base plate), 20 - 95%RH (Non condensing) (Refer to DERATING CURVE), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1
OTHERS
CASE SIZE/WEIGHT
58.4X12.7X61mm [2.3X0.5X2.4 inches](WXHXD) / 100g max
COOLING METHOD
Conduction cooling (e.g. heat radiation from the aluminum base plate to the attached heat sink)
*1
At rated input(DC280V) and rated load.
*2
Ripple and ripple noise is measured by using measuring board. Refer to the manual.
*3
Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
*4
Refer to the manual for input range.
*Providing heat sink
as option
DHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com