Electronic Components Datasheet Search
  English  ▼

X  

HSIP226 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # HSIP226
Description  14 GAUGE GALVANIZED STEEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HSIP226 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  HSIP226 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
HSIP226
PART NUMBERS
14 GAUGE GALVANIZED STEEL
HSIP226
NOTES
Unpainted
Allows installation of 19" mounting rails including center support
Hammond Website for Additional Accessories
FRONT VIEW
L.S VIEW
REAR VIEW
ISOMETRIC VIEW
TOP VIEW
1943mm
76.5in
423mm
16.65in
475mm
18.7in
23mm
0.9in
972mm
38.25in
A
DETAIL A
10mm
0.38in
10mm
0.38in
O
5mm
0.19in
25mm
0.98in
25mm
0.98in


Similar Part No. - HSIP226

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HSIP226 HAMMOND-HSIP226 Datasheet
59Kb / 2P
Panneaux interieurs a montage lateral
More results

Similar Description - HSIP226

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HGV55 HAMMOND-HGV55 Datasheet
157Kb / 1P
14 GAUGE STEEL GALVANIZED
HGV115 HAMMOND-HGV115 Datasheet
194Kb / 1P
14 GAUGE STEEL GALVANIZED
HGV135 HAMMOND-HGV135 Datasheet
202Kb / 1P
14 GAUGE STEEL GALVANIZED
HGV195 HAMMOND-HGV195 Datasheet
219Kb / 1P
14 GAUGE STEEL GALVANIZED
HSBP146 HAMMOND-HSBP146 Datasheet
140Kb / 1P
14 GAUGE GALVANIZED STEEL
HSBP148 HAMMOND-HSBP148 Datasheet
140Kb / 1P
14 GAUGE GALVANIZED STEEL
HSBP165 HAMMOND-HSBP165 Datasheet
140Kb / 1P
14 GAUGE GALVANIZED STEEL
HSBP185 HAMMOND-HSBP185 Datasheet
140Kb / 1P
14 GAUGE GALVANIZED STEEL
HSIP148 HAMMOND-HSIP148 Datasheet
162Kb / 1P
14 GAUGE GALVANIZED STEEL
HSIP208 HAMMOND-HSIP208 Datasheet
163Kb / 1P
14 GAUGE GALVANIZED STEEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com