Electronic Components Datasheet Search
  English  ▼

X  

IXDD509D1 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDD509D1
Description  9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD509D1 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDD509D1 Datasheet HTML 2Page - IXYS Corporation IXDD509D1 Datasheet HTML 3Page - IXYS Corporation IXDD509D1 Datasheet HTML 4Page - IXYS Corporation IXDD509D1 Datasheet HTML 5Page - IXYS Corporation IXDD509D1 Datasheet HTML 6Page - IXYS Corporation IXDD509D1 Datasheet HTML 7Page - IXYS Corporation IXDD509D1 Datasheet HTML 8Page - IXYS Corporation IXDD509D1 Datasheet HTML 9Page - IXYS Corporation IXDD509D1 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
IXDD509 / IXDE509
IXYS reserves the right to change limits, test conditions, and dimensions.
Supply Current vs. Frequency
VSUPPLY =5V
0.01
0.1
1
10
100
10
100
1000
10000
Frequency (kHz)
100pF
1000pF
10000pF
5400pF
SupplyCurrent vs. Frequency
V
SUPPLY = 15V
0.1
1
10
100
1000
10
100
1000
10000
Frequency(kHz)
100pF
1000pF
10000pF
5400pF
Supply Current vs. Frequency
VSUPPLY = 30V
0.1
1
10
100
1000
10
100
1000
10000
Frequency (kHz)
100pF
1000pF
5400pF
10000pF
Supply Current vs. Capacitive Load
VSUPPLY = 5V
0.01
0.1
1
10
100
100
1000
10000
Load Capacitance (pF)
100kH
1MHz
2MHz
10kHz
Supply Current vs. Capacitive Load
VSUPPLY = 15V
0.1
1
10
100
1000
100
1000
10000
Load Capacitance (pF)
100kHz
1M Hz
2M Hz
10kHz
Supply Current vs. Capacitive Load
VSUPPLY=30V
0.1
1
10
100
1000
100
1000
10000
Load Capacitance (pF)
2MHz
1MHz
100kHz
10kHz
Fig. 17
Fig. 19
Fig. 21
Fig. 18
Fig. 20
Fig. 22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com