Electronic Components Datasheet Search
  English  ▼

X  

IXTF03N400 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTF03N400
Description  High Voltage Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF03N400 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTF03N400 Datasheet HTML 1Page - IXYS Corporation IXTF03N400 Datasheet HTML 2Page - IXYS Corporation IXTF03N400 Datasheet HTML 3Page - IXYS Corporation IXTF03N400 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
DS100117A(11/09)
High Voltage
Power MOSFET
( Electrically Isolated Tab)
N-Channel Enhancement Mode
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
4000V Electrical Isolation
Molding Epoxies meet UL 94 V-0
Flammability Classification
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High Voltage Power Supplies
Capacitor Discharge
Pulse Circuits
IXTF03N400
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
4000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
4000
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
300
mA
I
DM
T
C = 25°C, Pulse Width Limited by TJM
800
mA
P
D
T
C = 25°C70
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force
20..120 / 4.5..27
N/lb.
V
ISOL
50/60Hz, 1 Minute
4000
V~
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
4000
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.0
4.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS= 0V
10
μA
Note 2, T
J = 125°C
750 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
300
Ω
V
DSS
= 4000V
I
D25
= 300mA
R
DS(on)
≤≤≤≤≤ 300
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
1 = Gate
5 = Drain
2 = Source
ISOPLUS i4-PakTM
Isolated Tab
1
5
2


Similar Part No. - IXTF03N400

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
High Voltage Power MOSFET
More results

Similar Description - IXTF03N400

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH6N120 IXYS-IXTH6N120 Datasheet
590Kb / 4P
High Voltage Power MOSFET
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
High Voltage Power MOSFET
IXTF1N450 IXYS-IXTF1N450 Datasheet
158Kb / 5P
High Voltage Power MOSFET
IXTJ6N150 IXYS-IXTJ6N150 Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTU05N100 IXYS-IXTU05N100 Datasheet
109Kb / 4P
High Voltage Power MOSFET
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
High Voltage Power MOSFET
IXTY02N50D IXYS-IXTY02N50D_17 Datasheet
213Kb / 4P
High Voltage Power MOSFET
IXTH1N300P3HV IXYS-IXTH1N300P3HV Datasheet
220Kb / 5P
High Voltage Power MOSFET
2014
IXTT1N450HV IXYS-IXTT1N450HV_V01 Datasheet
219Kb / 6P
High Voltage Power MOSFET
04/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com