Electronic Components Datasheet Search
  English  ▼

X  

IXTF280N055T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTF280N055T
Description  TrenchMVTM Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF280N055T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTF280N055T Datasheet HTML 1Page - IXYS Corporation IXTF280N055T Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTF280N055T
Notes: 1. Pulse test: t
≤ 300 μs, duty cycled ≤ 2 %;
2. Drain and Source Kelvin contacts must be located less than 5 mm
from the plastic body.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 60 A, Note 1
70
110
S
C
iss
9800
pF
C
OSS
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1450
pF
C
rss
320
pF
t
d(on)
32
n s
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 50 A
55
n s
t
d(off)
R
G = 3.3 Ω (External)
49
n s
t
f
37
n s
Q
g(on)
200
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
50
nC
Q
gd
50
nC
R
thJC
0.75 °C/W
R
thCH
0.15
°C/W
Source-Drain Diode
Characteristic Values
T
J = 25°C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
150
A
I
SM
Pulse width limited by T
JM
600
A
V
SD
I
F = 50 A, VGS = 0 V, Note 1
1.0
V
t
rr
I
F = 25 A, -di/dt = 100 A/μs4 0
n s
V
R = 25 V, VGS = 0 V
ISOPLUS i4-PakTM (5-Lead)
(IXTF) Outline
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2
7,071,537
Leads:
1. Gate;
2, 3.
Source;
4, 5. Drain
6. Isolated.
All leads and tab are tin plated.
ADVANCETECHNICALINFORMATION
The product presented herein is under development.
The Technical Specifications offered
are derived from a subjective evaluation of the design, based upon prior knowledge and
experience, and constitute a "considered reflection" of the anticipated result.
IXYS reserves
the right to change limits, test conditions, and dimensions without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com